Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics ALED6000 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
The current in the output capacitor has a triangular waveform, which generates a voltage ripple across it. This
ripple is due to the capacitive component (charge and discharge of the output capacitor) and the resistive
component (due to the voltage drop across its ESR). So the output capacitor must be selected in order to have a
voltage ripple compliant with the application requirements.
The allowed LED current ripple (∆ILED,PP) is typically 2% to 5% of the LED DC current.
Figure 15. LED small signal model
V LED+
L
LX
R
V LED+
L
R
LX
D
RD
SNS
R
SNS
C
O
C
O
RES
RES
RDC
RDC
Based on the small signal model typically adopted for LEDs (as shown in Figure 15. LED small signal model), the
amount of the inductor current ripple which flows through the LEDs can be estimated by the following equation:
ΔILEDs =ΔILs ⋅ 1+sC0RES
1+sC0⋅(RES+RSNS+N⋅Rd)
(10)
The typical LED dynamic resistance, for high-current LEDs, is about 0.9 Ω to 1 Ω.
The output capacitor, CO, is typically an MLCC ceramic capacitor in the range of 1 µF and with equivalent series
resistance lower than 10 mΩ, as a consequence the zero due to the time constant CO*RES is in the range of 10
MHz or above.
Starting from Eq. (10) it is possible to roughly estimate the required CO value:
C0≥ 8π2⋅ΔIL,PP⋅
1
2π⋅fSW⋅ RSNS+N⋅Rd ⋅ΔILED,PP
(11)
In the above equation it has been assumed that the total inductor current ripple is well-approximated by the first
Fourier harmonic, 8/π2*∆IL,PP, due to the inductor current triangular shape.
The inductance value fixes the current ripple flowing through the output capacitor and LEDs. So the minimum
inductance value, in order to have the expected current ripple, must be selected.
The rule to fix the current ripple value is to have a ripple at 40%-60% of the programmed LEDs current.
In the continuous conduction mode (CCM), the required inductance value can be calculated by the following
equation:
L=VOUT⋅ 1−VOUTVIN
ΔIL⋅FSW
(12)
In order to guarantee a maximum current ripple in every condition, Eq. (12) must be evaluated in case of
maximum input voltage, assuming VOUT fixed.
Increasing the value of the inductance helps to reduce the current ripple but, at the same time, strongly impacts
the converter response time in case of high-frequency dimming requirements. On the other hand, with lower
inductance value the regulator response time is improved but the power conversion efficiency is impacted and the
output capacitor must be increased to limit the current ripple flowing through the LEDs.
As usual, the L-CO choice is a trade-off among multiple design parameters.
ALED6000
Output capacitor and inductor selection
DS13018 - Rev 4
page 20/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com