Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 6Page - STMicroelectronics ALED6000 Datasheet HTML 7Page - STMicroelectronics ALED6000 Datasheet HTML 8Page - STMicroelectronics ALED6000 Datasheet HTML 9Page - STMicroelectronics ALED6000 Datasheet HTML 10Page - STMicroelectronics ALED6000 Datasheet HTML 11Page - STMicroelectronics ALED6000 Datasheet HTML 12Page - STMicroelectronics ALED6000 Datasheet HTML 13Page - STMicroelectronics ALED6000 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Figure 5. Switching frequency programmability
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
10
20
30
40
50
60
70
80
90
100
RFSW [kΩ]
To improve the line transient performance, keeping the PWM gain constant versus the input voltage, the input
voltage feed-forward is implemented by changing the slope of the saw-tooth ramp, according to the input voltage
change (Figure 6. Feed-forward a).
The slope of the sawtooth also changes if the oscillator frequency is programmed by the external resistor. In this
way a frequency feed-forward is implemented (Figure 6. Feed-forwardb) in order to keep the PWM modulator gain
constant versus the switching frequency.
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of 180° with respect to
the clock. This delay is useful when two devices are synchronized connecting the SYNCH pins together. When
SYNCH pins are connected, the device with a higher oscillator frequency works as master, so the slave device
switches at the frequency of the master but with a delay of half a period. This helps reducing the RMS current
flowing through the input capacitor. Up to five ALED6000s can be connected to the same SYNCH pin; however,
the clock phase-shift from master switching frequency to slave input clock is 180°.
The ALED6000 device can be synchronized to work at a higher frequency, in the range 250 kHz-1500 kHz,
providing an external clock signal on SYNCH pin. The synchronization changes the saw-tooth amplitude, also
affecting the PWM gain (Figure 6. Feed-forwardc). This change must be taken into account when the loop stability
is studied. In order to minimize the change of PWM gain, the free-running frequency should be set (with a resistor
on the FSW pin) only slightly lower than the external clock frequency.
This pre-adjusting of the slave IC switching frequency keeps the truncation of the ramp saw-tooth negligible.
In case two or more (up to five) ALED6000 SYNCH pins are tied together, the ALED6000 IC with higher
programmed switching frequency is typically the master device; however, the SYNCH circuit is also able to
synchronize with a slightly lower external frequency, so the frequency pre-adjustment with the same resistor on
the FSW pin, as suggested above, is required for a proper operation.
The SYNCH signal is provided as soon as EN is asserted high; however, if DIM is kept low for more than TDIMTO
timeout, the SYNCH signal is no more available until DIM re-assertion high.
ALED6000
Oscillator and synchronization
DS13018 - Rev 4
page 10/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com