Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics ALED6000 Datasheet HTML 21Page - STMicroelectronics ALED6000 Datasheet HTML 22Page - STMicroelectronics ALED6000 Datasheet HTML 23Page - STMicroelectronics ALED6000 Datasheet HTML 24Page - STMicroelectronics ALED6000 Datasheet HTML 25Page - STMicroelectronics ALED6000 Datasheet HTML 26Page - STMicroelectronics ALED6000 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
•
Select CF in order to place FZ1 below FLC (typically 0.1*FLC)
•
Select CP in order to place FP1 at 0.5*FSW
CF= 1
2π⋅RF⋅0.1⋅fLC;CP= 1
2π⋅RF⋅0.5⋅fSW
(22)
The resultant control loop and other transfer functions gain are shown in Figure 18. Type II compensation - Bode
plot .
Figure 18. Type II compensation - Bode plot
f Z1
f LC
f ZESR
f BW
f P1
E/A gain
G
LOOP,II
G
COMP,II
G
LC,II
6.4
Thermal considerations
The thermal design is important to prevent the thermal shutdown of device if junction temperature goes above
170 °C (typ.). The three different sources of losses within the device are:
•
conduction losses due to the non-negligible RDS(on) of the power switch; these are equal to
PHS,ON=RHS,ON⋅D⋅ IOUT2
(23)
where D is the duty cycle of the application and RHS, ON is the maximum power MOSFET on-resistance. Note that
the duty cycle is theoretically given by the ratio between VOUT and VIN, but actually it is slightly higher in order to
compensate the losses of the regulator. So the conduction losses increase compared with the ideal case;
•
switching losses due to power MOSFET turn ON and OFF; these can be calculated as:
PHS,SW=VIN⋅IOUT⋅ TRISE+TFALL
2 ⋅fSW≅VIN⋅IOUT⋅TTR⋅fSW
(24)
where TRISE and TFALL are the overlap times of the voltage across the power switch (VDS) and the current flowing
into it during turn-ON and turn-OFF phases.
TTR is the equivalent switching time. For this device the typical value for the equivalent switching time is 40 ns.
•
Quiescent current losses, calculated as
ALED6000
Thermal considerations
DS13018 - Rev 4
page 23/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com