Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 33Page - STMicroelectronics ALED6000 Datasheet HTML 34Page - STMicroelectronics ALED6000 Datasheet HTML 35Page - STMicroelectronics ALED6000 Datasheet HTML 36Page - STMicroelectronics ALED6000 Datasheet HTML 37Page - STMicroelectronics ALED6000 Datasheet HTML 38Page - STMicroelectronics ALED6000 Datasheet HTML 39Page - STMicroelectronics ALED6000 Datasheet HTML 40Page - STMicroelectronics ALED6000 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
This kind of compensation network just provides one single low frequency pole, given by:
fPLF= 12π⋅CF⋅RU
(41)
Starting from Eq. (18) , the control loop gain module at s=2π*FBW allows fPLF necessary value to be set:
GLOOP,Is=2π⋅fBW = G0kFF⋅VIN⋅fPLFfBW=1
(42)
A typical choice for RU usually falls in the range 1 kΩ to 50 kΩ, in order to provide for CF a reasonable value (in
the range 1 nF – 100 nF) and to proper bias the overvoltage protection Zener diode.
ALED6000
Compensation strategy for alternative topologies
DS13018 - Rev 4
page 37/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com