Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED6000 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ALED6000
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 12Page - STMicroelectronics ALED6000 Datasheet HTML 13Page - STMicroelectronics ALED6000 Datasheet HTML 14Page - STMicroelectronics ALED6000 Datasheet HTML 15Page - STMicroelectronics ALED6000 Datasheet HTML 16Page - STMicroelectronics ALED6000 Datasheet HTML 17Page - STMicroelectronics ALED6000 Datasheet HTML 18Page - STMicroelectronics ALED6000 Datasheet HTML 19Page - STMicroelectronics ALED6000 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Figure 12. ISKIP typical current and RILIM value
100
150
200
250
300
350
400
450
500
550
20
30
40
50
60
70
80
90
100
RILIM [kΩ]
However, due to current sensing comparator delay, the actual inductor charge current is slightly impacted by VIN
and selected inductor value.
In order to let the bootstrap capacitor recharge, in case of extremely light load the ALED6000 is able to pull-down
the LX net through an integrated small LS MOS. In this way the bootstrap recharge current can flow from VIN
through CBOOT, LX and the LS MOS.
This mechanism is activated if the HS MOS has been kept turned-off for more than 3 ms (typ.).
5.5
Low VIN operation
In normal operation (i.e. VOUT programmed lower than input voltage) when the HS MOS is turned off, a minimum
off-time (TOFFMIN) interval is performed.
In case the input voltage falls close or below the programmed output voltage (low-dropout, LDO) the ALED6000
control loop is able to increase the duty cycle up to 100%. However, in order to keep the boot capacitor properly
recharged, a maximum HS MOS on-time is limited (TONMAX). When this limit is reached the HS MOS is turned
off and an integrated switch working as pull-down resistor between LX and GND is turned on, until one of the
following conditions is met:
•
A negative current limit (300 mA typ.) is reached
•
timeout (1 μs typ.) is reached
So doing the ALED6000 device is able to work in low-dropout operation, due to the advanced boot capacitor
management, and the effective maximum duty cycle is about 12 μs / 13 μs = 92%.
5.6
Overcurrent protection
The ALED6000 implements overcurrent protection by sensing the current flowing through the power MOSFET.
Due to the noise created by the switching activity of the power MOSFET, the current sensing circuitry is disabled
during the initial phase of the conduction time. This avoids an erroneous detection of a fault condition. This
interval is generally known as “masking time” or “blanking time”. The masking time is about 120 ns.
If the overcurrent limit is reached, the power MOSFET is turned off implementing pulse-by-pulse overcurrent
protection. In the overcurrent condition, the device can skip turn-on pulses in order to keep the output current
constant and equal to the current limit. If, at the end of the “masking time”, the current is higher than the
overcurrent threshold, the power MOSFET is turned off and one pulse is skipped. If, at the following switching
on, when the “masking time” ends, the current is still higher than the overcurrent threshold, the device skips two
pulses. This mechanism is repeated and the device can skip up to seven pulses (refer to Figure 13. OCP and
frequency scaling).
ALED6000
Low VIN operation
DS13018 - Rev 4
page 16/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com