Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 43 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 43 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 47Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 400 page
background image
Application core
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PALL
Blocks debugger read/write access to all secure CPU registers and
secure memory mapped addresses
Unprotected
0xFFFFFFFF
Unprotected
Protected
0x00000000
Protected
4.6.1.6 ERASEPROTECT
Address offset: 0x030
Erase protection
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PALL
Blocks NVMC ERASEALL and CTRLAP ERASEALL functionality
Unprotected
0xFFFFFFFF
Unprotected
Protected
0x00000000
Protected
4.6.1.7 OTP[n] (n=0..189)
Address offset: 0x108 + (n × 0x4)
One time programmable memory
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B B B B B B B B B B B B B B B A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW1 LOWER
Lower half word
Note: Can only be written to a non 0xFFFF value once.
B
RW1 UPPER
Upper half word
Note: Can only be written to a non 0xFFFF value once.
4.6.1.8 KEYSLOT.CONFIG[n].DEST (n=0..127)
Address offset: 0x400 + (n × 0x8)
Destination address where content of the key value registers (KEYSLOT.KEYn.VALUE[0-3]) will be pushed by
KMU. Note that this address must match that of a peripherals APB mapped write-only key registers, else
the KMU can push this key value into an address range which the CPU can potentially read.
Note: Writing/reading this register requires the KMU SELECTKEYSLOT register to be set to n+1.
4418_1315 v2.0
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com