Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 54 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 54 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 58Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 400 page
background image
Power and clock management
Clock and oscillator control unit
LFCLKSTOP
HFCLKSTART
LFCLKSTART
HFCLKSTOP
LFCLKSTARTED
HFCLKSTARTED
LFCLK
clock control
HFCLK
clock control
LFRC
RC oscillator
LFXO
oscillator
HFXO
oscillator
(high accuracy)
PCLK32KI
PCLK1M
PCLK16M
PCLK32M
HCLK
CLOCK
LFCLKSRC
HFCLKCTRL
HFINT
oscillator
(low accuracy)
Figure 11: Clock and oscillator setup
5.1.4.1 HFCLK clock controller
The HFCLK clock controller provides several clocks in the system.
These are as follows:
• HCLK: 64 MHz CPU clock
• PCLK1M: 1 MHz peripheral clock
• PCLK16M: 16 MHz peripheral clock
• PCLK32M: 32 MHz peripheral clock
The HFCLK controller uses the following high frequency clock (HFCLK) sources:
• 64 MHz oscillator (HFINT)
• 64 MHz high accuracy oscillator (HFXO)
For illustration, see Clock and oscillator setup on page 54.
The HFCLK controller will automatically provide the clock(s) requested by the system. If the system does
not request any clocks from the HFCLK controller, the controller will switch off all its clock sources and
enter a power saving mode.
The HFINT source will be used when HFCLK is requested and HFXO has not been started.
The HFXO is started by triggering the HFCLKSTART task and stopped using the HFCLKSTOP task. A
HFCLKSTARTED event will be generated when the HFXO has started and its frequency is stable.
5.1.4.2 LFCLK clock controller
The system supports several low frequency clock sources.
4418_1315 v2.0
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com