Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 57 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 57 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 61Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 400 page
background image
Power and clock management
5.1.5.4 Soft reset
A soft reset is generated when the SYSRESETREQ bit of the application interrupt and reset control register
(AIRCR register) in the ARM core is set.
5.1.5.5 Watchdog reset
A watchdog reset is generated when the watchdog timer (WDT) times out.
See WDT — Watchdog timer on page 354 chapter for more information.
5.1.5.6 Brownout reset
The brownout reset generator puts the system in reset state if the supply voltage drops below the
brownout reset threshold.
5.1.5.7 Retained registers
A retained register is a register that will retain its value in System OFF mode, and through a reset
depending on reset source. See individual peripheral chapters for information of which registers are
retained for the different peripherals.
5.1.5.8 Reset behavior
Reset behavior depends on the reset source.
The reset behavior is summarized in the table below.
Reset target
Reset source
CPU
Modem
Debug3
SWJ-DP
Not retained
RAM4
Retained
RAM4
WDT
RESETREAS
CPU lockup 5
x
x
Soft reset
x
x
Wakeup from System OFF
mode reset
x
x
x 6
x
x
Watchdog reset 7
x
x
x
x
x
Pin reset
x
x
x
x
x
x
Brownout reset
x
x
x
x
x
x
x
x
Power-on reset
x
x
x
x
x
x
x
Table 17: Reset behavior for the main components
Note: The RAM is never reset but its content may be corrupted after reset in the cases given in the
table above.
3 All debug components excluding SWJ-DP. See Overview on page 369 chapter for more information
about the different debug components in the system.
4 RAM can be configured to be retained using registers in VMC — Volatile memory controller on page
27
5 Reset from CPU lockup is disabled if the device is in debug interface mode. CPU lockup is not possible
in System OFF.
6 The debug components will not be reset if the device is in debug interface mode.
7 Watchdog reset is not available in System OFF.
4418_1315 v2.0
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com