Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 60 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 60 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 64Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 400 page
background image
Power and clock management
5.2.1.2 Sleep
Symbol
Description
Min.
Typ.
Max.
Units
IMCUOFF0
MCU off, modem off, no RAM retention, wake on GPIO and
reset
1.4
µA
IMCUON0
MCU on IDLE, modem off, RTC off
1.8
µA
IMCUON1
MCU on IDLE, modem off, RTC on
2.2
µA
5.2.1.3 Application CPU active current consumption
Symbol
Description
Min.
Typ.
Max.
Units
ICPU0_FLASH
CPU running CoreMark @64 MHz from flash, clock = HFINT,
cache enabled
2.20
mA
ICOREMARK_PER_MA_FLASH
CoreMark per mA, executing from flash, CoreMark=243
110.45
CoreMark/
mA
ICPU0_RAM
CPU running CoreMark @64 MHz from RAM, clock = HFINT
2.19
mA
ICOREMARK_PER_MA_RAMCoreMark per mA, executing from RAM, CoreMark=235
107.31
CoreMark/
mA
5.2.1.4 I2S
Symbol
Description
Min.
Typ.
Max.
Units
II2S0
I2S transferring data left-channel (mono) @ 16 bit x 16 kHz
(CONFIG.MCKFREQ = 32MDIV8, CONFIG.RATIO = 256X),
Clock = HFINT
0.69
mA
II2S1
I2S transferring data left-channel (mono) @ 16 bit x 16 kHz
(CONFIG.MCKFREQ = 32MDIV8, CONFIG.RATIO = 256X),
Clock = HFXO
1.65
mA
5.2.1.5 PDM
Symbol
Description
Min.
Typ.
Max.
Units
IPDM
PDM receiving and processing data 16KHz, with FREQ =
1.28MHz, MODE.OPERATION = mono
0.71
mA
IPDM
PDM receiving and processing data 16KHz, with FREQ =
1.28MHz, MODE.OPERATION = mono, clock HFXO
1.67
mA
5.2.1.6 PWM
Symbol
Description
Min.
Typ.
Max.
Units
IPWM0
PWM running @ 125 kHz, fixed duty cycle
623.97
µA
IPWM1
PWM running @ 16 MHz, fixed duty cycle
723.1
µA
5.2.1.7 SAADC
Symbol
Description
Min.
Typ.
Max.
Units
ISAADC_HFXO
SAADC sampling @ 16 ksps, with high accuracy clock HFXO,
acquisition time = 20 µs
1288
µA
ISAADC_HFINT
SAADC sampling @ 16 ksps, with low accuracy clock HFINT,
acquisition time = 20 µs
297.7
µA
4418_1315 v2.0
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com