Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 204 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 204 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 200Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 201Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 208Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 400 page
background image
Peripherals
Output
Input
R
R
RESP = Pulldown
RESP = Pullup
Figure 69: Resistor ladder for positive input (negative input is equivalent, using RESN instead of RESP)
6.12.7 Reference
The ADC can use two different references, controlled in the REFSEL field of the CH[n].CONFIG register.
These are:
• Internal reference
• VDD_GPIO as reference
The internal reference results in an input range of ±0.6 V on the ADC core. VDD_GPIO as reference results
in an input range of ±VDD_GPIO/4 on the ADC core. The gain block can be used to change the effective
input range of the ADC.
Input range = (+- 0.6 V or +-VDD_GPIO/4)/Gain
For example, choosing VDD_GPIO as reference, single ended input (grounded negative input), and a gain
of 1/4 the input range will be:
Input range = (VDD_GPIO/4)/(1/4) = VDD_GPIO
With internal reference, single ended input (grounded negative input), and a gain of 1/6 the input range
will be:
Input range = (0.6 V)/(1/6) = 3.6 V
The AIN0-AIN7 inputs cannot exceed VDD_GPIO, or be lower than VSS.
6.12.8 Acquisition time
To sample the input voltage, the ADC connects a capacitor to the input.
For illustration, see Simplified ADC sample network on page 205. The acquisition time indicates how
long the capacitor is connected, see TACQ field in CH[n].CONFIG register. The required acquisition time
depends on the source (Rsource) resistance. For high source resistance the acquisition time should be
increased, see Acquisition time on page 205.
4418_1315 v2.0
204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com