Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 2 Page - NXP Semiconductors

  K32W14X Datasheet HTML 1Page - NXP Semiconductors K32W14X Datasheet HTML 2Page - NXP Semiconductors K32W14X Datasheet HTML 3Page - NXP Semiconductors K32W14X Datasheet HTML 4Page - NXP Semiconductors K32W14X Datasheet HTML 5Page - NXP Semiconductors K32W14X Datasheet HTML 6Page - NXP Semiconductors K32W14X Datasheet HTML 7Page - NXP Semiconductors K32W14X Datasheet HTML 8Page - NXP Semiconductors K32W14X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
— Smart Plugs
— Access Control
— HVACs and Thermostats
— Window Shades
• Industrial/IoT
— Positioning/Localization
— Building Control and Monitoring
— Building HVAC Control
— Fire and Security
— Smart Lighting
— Access Control
Narrow Band Radio Unit
• Dedicated CM3 core running at up to 64 MHz
• 256 kB Flash supporting upgradable software radio
• 88 KB SRAM optimized for link layer support
• IEEE 802.15.4 Radio
— IEEE 802.15.4–2015 compliant radio
— –103 dBm 250 kbps Receive Sensitivity
— Programmable Transmit Output Power up to +10
dBm
— Improved Enhanced ACK timing support in the
802.15.4 hardware which enables synchronized
broadcasts to a larger number of sleepy end
devices – for example, synchronous window blinds
actuation
— Supports Dual PAN which allows a single radio to
participate in two 802.15.4 Personal Area Networks
— Modulation Types: 2 Level FSK, GFSK, MSK,
GMSK
— Single ended bidirectional RF port
— Low external component counts for low cost, small
form-factor designs
• Bluetooth Low Energy radio core
— Up to 24 simultaneous connections
— –106 dBm 125 kbps Long Range Receive
Sensitivity
— –102 dBm 500 kbps Long Range Receive
Sensitivity
— Symmetric Key Encryption
◦ AES-128/192/256
◦ ECB, CBC, CFB, OFB, CTR, GCM, CMAC,
and CCM Modes
◦ ChaCha20
— Asymmetric Key Encryption
◦ RSA-2048/3072/4096
◦ ECC NIST P–192/224/256/384/521
◦ Curve25519
— Key Exchange Algorithms
◦ ECDH(E)
◦ SPAKE2+
◦ JPAKE
— Digital Signature Algorithms
◦ ECDSA
◦ Ed25519
— Hash Algorithms
◦ SHA2-224/256/384/512
◦ Poly1305
• Secure key generation, storage, and management
• Pseudo (PRNG) and True Random Number Generator
(TRNG) with 512-bits entropy supporting NIST SP
800-90A and SP 800-90B
• Support for secure over-the-air (OTA) firmware updates
• Four digital tamper pins with optional interrupt and
seconds timestamp upon trigger
• Universally Unique ID (UUID) programmed by NXP
during factory programming
• 24-bit unique IEEE media access control (MAC)
subaddress
• Factory Root of Trust programming
Low-power consumption (DCDC 3.6 V, 25 ºC)
• Typical active core current: < 5.3 mA at 96 MHz (< 55
μA/MHz)
• Transceiver current (DC-DC buck mode, 3.3 V supply)
— Typical RX: 4.7 mA
— Typical TX at 0 dBm: 4.6 mA
Table continues on the next page...
NXP Semiconductors
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
2 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com