Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 4Page - NXP Semiconductors K32W14X Datasheet HTML 5Page - NXP Semiconductors K32W14X Datasheet HTML 6Page - NXP Semiconductors K32W14X Datasheet HTML 7Page - NXP Semiconductors K32W14X Datasheet HTML 8Page - NXP Semiconductors K32W14X Datasheet HTML 9Page - NXP Semiconductors K32W14X Datasheet HTML 10Page - NXP Semiconductors K32W14X Datasheet HTML 11Page - NXP Semiconductors K32W14X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
1 Ratings
1.1 Thermal handling ratings
Table 4. Thermal handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
TSTG
Storage temperature
–55
150
°C
1
TSDR
Solder temperature, lead-free
—
260
°C
2
1. Determined according to JEDEC Standard JESD22-A103,
High Temperature Storage Life.
2. Determined according to IPC/JEDEC Standard J-STD-020,
Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
1.2 Moisture handling ratings
Table 5. Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
—
3
—
1
1. Determined according to IPC/JEDEC Standard J-STD-020,
Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
1.3 ESD and Latch-Up Ratings
Table 6. ESD and Latch-Up Ratings
Description
Rating
Notes
Electrostatic discharge voltage, human body model
±2000 V
1
Electrostatic discharge voltage, charged-device model (corner pins and antenna
pin excluded)
±500 V
2
Electrostatic discharge voltage, charged-device model (corner pins)
±750 V
Electrostatic discharge voltage, charged-device model (antenna pin)
±250 V
Latch-up immunity level (Class II at 125 °C junction temperature)
Immunity Level A
3
1. Determined according to JEDEC Standard JS-001-2017,
For Electrostatic Discharge (ESD) Sensitivity Testing, Human
Body Model (HBM) - Component Level.
2. Determined according to JEDEC Standard JS-002-2018,
For Electrostatic Discharge (ESD) Sensitivity Testing, Charged-
Device Model (CDM) - Device Level .
3. Determined according to JEDEC Standard JESD78F,
IC Latch-Up Test.
1.4 Voltage and current maximum ratings
Table 7. Voltage and current maximum ratings
Symbol
Description
Min.
Max.
Unit
VDD_CORE Supply voltage for most digital domains
–0.3
1.26
V
VDD_SYS
Supply voltage for PMC, EFUSE, SRTC, and FROs
–0.3
1.98 1
V
Table continues on the next page...
NXP Semiconductors
Ratings
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
8 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com