Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 21 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 17Page - NXP Semiconductors K32W14X Datasheet HTML 18Page - NXP Semiconductors K32W14X Datasheet HTML 19Page - NXP Semiconductors K32W14X Datasheet HTML 20Page - NXP Semiconductors K32W14X Datasheet HTML 21Page - NXP Semiconductors K32W14X Datasheet HTML 22Page - NXP Semiconductors K32W14X Datasheet HTML 23Page - NXP Semiconductors K32W14X Datasheet HTML 24Page - NXP Semiconductors K32W14X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Table 20. Power Consumption Operating Behaviors (continued)
IDD_ACT
15
IDD_ACT2
Active 2 mode
current - DCDC
in normal strength,
Core voltage = 1.1
V, all peripherals
enabled, executing
while(1) from
FLASH in both
CM33 at 48 MHz
and NBU at 32 MHz
25 °C
5.5
–
2,3
IDD_ACT
16
IDD_ACT3
Active 3 mode
current - DCDC
in normal strength,
Core voltage = 1.1
V, all peripherals
enabled, executing
while(1) from
FLASH in both
CM33 at 48 MHz
and NBU at 32 MHz
25 °C
8.8
–
2,3
IDD_ACT
17
IDD_ACT4
Active 4 mode
current - DCDC
in normal strength,
Core voltage = 1.1
V, all peripherals
disabled, executing
while(1) from
FLASH in both
CM33 at 96 MHz
and NBU at 32 MHz
25 °C
5.4
–
2,3
IDD_CM
1
IDD_CM1
CoreMark 1 mode
current - DCDC
in normal strength,
Core voltage = 1.1
V, all peripherals
disabled, executing
CoreMark® code
from FLASH in
CM33 at 96MHz,
NBU in sleep mode.
–40 °C
6.0
–
mA
2,3
25 °C
6.2
–
85 °C
6.4
–
105 °C
7.7
–
IDD_CM
22
IDD_CM2
CoreMark 2 mode
current - DCDC
in low strength,
Core voltage = 1.0
V, all peripherals
disabled, executing
CoreMark® code
from FLASH in
25 °C
4.6
–
1,2
Table continues on the next page...
NXP Semiconductors
General
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
21 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com