Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 28 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 24Page - NXP Semiconductors K32W14X Datasheet HTML 25Page - NXP Semiconductors K32W14X Datasheet HTML 26Page - NXP Semiconductors K32W14X Datasheet HTML 27Page - NXP Semiconductors K32W14X Datasheet HTML 28Page - NXP Semiconductors K32W14X Datasheet HTML 29Page - NXP Semiconductors K32W14X Datasheet HTML 30Page - NXP Semiconductors K32W14X Datasheet HTML 31Page - NXP Semiconductors K32W14X Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Table 23. Low power mode peripheral power consumption adders (continued)
the clock source power
consumption.
FlexIO
FlexIO peripheral adder
measured by placing the
device in Sleep mode with
Wake Domain Sleep, while
Using FRO6M, emulating
UART waiting for RX data at
115200 baudrate. Does not
include selected clock source
power consumption.
3.3
µA
ADC
ADC peripheral adder by
placing the device in Sleep
mode with Wake Domain
place in Sleep. ADC in
low power single ended
mode using the FRO6M
and 10Ksps continuous
conversion. Does not include
selected clock source power
consumption.
4.1
µA
CMP
CMP peripheral adder
measured with CMP enabled
8-bit DAC and single input
for compare. The device is
placed in Sleep mode with
Wake Domain place in Sleep.
Does not include 6-bit DAC
power consumption
3.3
µA
VREF
VREF peripheral adder
measured by placing the
device in Sleep mode with
Wake Domain place in Sleep.
Generating a 1.2V reference
output voltage
3.9
µA
WDOG
WDOG peripheral adder
measured by placing the
device in Sleep mode with
Wake Domain place in Sleep.
The peripheral is configured
Using OSC-RTC (External
32kHz) using the longest
timeout period possible.
Includes the OSC_RTC
current consumption
2.8
µA
2.2.8 EMC radiated emissions operating behaviors
EMC measurements to IC-level IEC standards are available from NXP on request.
NXP Semiconductors
General
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
28 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com