Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 9Page - NXP Semiconductors K32W14X Datasheet HTML 10Page - NXP Semiconductors K32W14X Datasheet HTML 11Page - NXP Semiconductors K32W14X Datasheet HTML 12Page - NXP Semiconductors K32W14X Datasheet HTML 13Page - NXP Semiconductors K32W14X Datasheet HTML 14Page - NXP Semiconductors K32W14X Datasheet HTML 15Page - NXP Semiconductors K32W14X Datasheet HTML 16Page - NXP Semiconductors K32W14X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Table 11. VDD_CORE supply HVD and LVD Operating Ratings (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VLVD_CORE
VDD_CORE Falling low-voltage detect
threshold (LVD assertion)
Target VDD_CORE = 1.05 V
Target VDD_CORE = 1.1 V
Target VDD_CORE = 1.15 V (safe mode LVD)
0.944
0.989
1.043
0.963
1.009
1.064
0.983
1.029
1.086
V
VLVD_HYS_CORE VDD_CORE Low-voltage inhibit reset/
recover hysteresis
Target VDD_CORE = 1.05 V
Target VDD_CORE = 1.1 V
Target VDD_CORE = 1.15 V (safe mode LVD)
—
—
—
14
14
17
—
—
—
mV
1. Same value applies to all conditions.
Table 12. VDD_SYS supply HVD and LVD Operating Ratings
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VHVD_SYS
VDD_SYS Rising high-voltage detect
threshold (HVD assertion)
Target VDD_SYS = 1.8 V
Target VDD_SYS = 1.9 V (safe mode LVD)
2.035
2.035
2.077
2.077
2.120
2.120
V
1
VHVD_HYS_SYS
VDD_SYS High-voltage inhibit reset/recover
hysteresis
—
22
—
mV
VPOR_SYS
Falling VDD_SYS POR detect voltage (POR
assertion)
0.8
1.0
1.5
V
VLVD_SYS
VDD_SYS Falling low-voltage detect
threshold (LVD assertion)
Target VDD_SYS = 1.8 V
Target VDD_SYS = 1.9 V (safe mode LVD)
1.616
1.700
1.649
1.735
1.683
1.770
V
VLVD_HYS_SYS
VDD_SYS Low-voltage inhibit reset/recover
hysteresis
—
19
—
mV
VBG
Bandgap voltage reference voltage
—
1.0
—
V
1. When fuses are being programmed VDD_SYS is raised to 2.5 V nominal. This is outside the HVD bounds, so HVD
detection for VDD_SYS must be disabled when programming fuses
2.2.3 Voltage and current operating behaviors
Table 13. Voltage and current operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VOH
Output high voltage — Normal drive strength
1
Table continues on the next page...
NXP Semiconductors
General
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
13 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com