Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 35Page - NXP Semiconductors K32W14X Datasheet HTML 36Page - NXP Semiconductors K32W14X Datasheet HTML 37Page - NXP Semiconductors K32W14X Datasheet HTML 38Page - NXP Semiconductors K32W14X Datasheet HTML 39Page - NXP Semiconductors K32W14X Datasheet HTML 40Page - NXP Semiconductors K32W14X Datasheet HTML 41Page - NXP Semiconductors K32W14X Datasheet HTML 42Page - NXP Semiconductors K32W14X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Table 39. Flash reliability specifications (continued)
Symbol
Description
Min.
Typ.1
Max.
Unit
Notes
Nnvmcyc256
k
Sector cycling endurance for 256 KB per array
block
100 K
500 K
—
cycles
3
1. Typical data retention values are based on measured response accelerated at high temperature and derated to a constant
25 °C use profile.
2. Sector cycling endurance represents the number of Program/Erase cycles on a single sector at -40 °C ≤ Tj ≤ 125 °C.
3. For devices with a single flash block, sectors must be located within the last 256 KB of the flash main memory. For devices
with two flash blocks, sectors must be located within the last 256 KB of each flash main memory.
3.4 Radio modules
3.4.1 2.4 GHz radio transceiver electrical specification
Table 40. 2.4 GHz radio transceiver specifications
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
VDD_RF RF supply voltage
1.175
1.2
3.6
V
VPA_2P4
GHZ
Supply voltage for 2.4 GHz radio power amplifier
0.9
—
2.4
V
1, 2
fin
Input RF frequency
2.360
—
2.4835
GHz
fc
Output RF frequency
2.360
—
2.4835
GHz
Pmax
RF input power
—
—
10
dBm
fref
Crystal reference oscillator frequency
—
32
—
MHz
ftol
Frequency tolerance
—
±50
—
ppm
Trx_tx
Rx - Tx turnaround time
—
150
—
μs
3
1. Voltage required at this rail depends on the desired output power. See Transmit and PLL Feature Summary for the
required voltages.
2. VPA_2P4GHZ is internally connected to the VDD_RF pin. When not powered externally, VPA_2P4GHZ = VDD_RF - 0.275
V. An internal regulator prevents VPA_2P4GHZ from going above 2.4 V when powered through the VDD_RF pin.
3. Bluetooth LE. Other modes have different requirements
3.4.2 Receiver Feature Summary
Table 41. Top-level Receiver Specifications (TA = 25 °C, nominal process unless otherwise noted)
Characteristic1
Symbol
Min.
Typ.
Max.
Unit
Receiver Active Power Consumption
Supply current Rx On with DC-DC converter enable
(Buck; VDD_DCDC =3.3 V, VDD_RF=VDD_LDO_CORE
= 1.25 V) 2
IRxon
—
4.68
—
mA
Supply current Rx On with DC-DC converter disabled
(Bypass, VDD_RF = VDD_LDO_CORE = 3.3. V) 2
IRxon
—
10.01
—
mA
Table continues on the next page...
NXP Semiconductors
Peripheral operating requirements and behaviors
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
39 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com