Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 45Page - NXP Semiconductors K32W14X Datasheet HTML 46Page - NXP Semiconductors K32W14X Datasheet HTML 47Page - NXP Semiconductors K32W14X Datasheet HTML 48Page - NXP Semiconductors K32W14X Datasheet HTML 49Page - NXP Semiconductors K32W14X Datasheet HTML 50Page - NXP Semiconductors K32W14X Datasheet HTML 51Page - NXP Semiconductors K32W14X Datasheet HTML 52Page - NXP Semiconductors K32W14X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Table 44. Transmit Output Power as a function of PA_POWER VPA_2P4GHZ = 1 V / 0 dBm output power target
(continued)
TX Pout (dBm)
PA_POWER
LDO ANT
T = –40 °C
T = 25 °C
T = 105 °C
26
2
–3.94
–4.97
–3.77
28
2
–3.34
–4.37
–3.25
30
2
–2.8
–3.83
–2.75
32
2
–2.33
–3.36
–2.26
34
2
–1.86
–2.87
–1.85
36
2
–1.4
–2.4
–1.5
38
2
–0.99
–1.98
–1.18
40
2
–0.64
–1.61
–0.89
42
2
–0.28
–1.25
–0.63
44
2
0.05
–0.91
–0.41
46
2
0.36
–0.6
–0.2
48
2
0.57
–0.36
–0.04
50
2
0.85
–0.08
0.12
52
2
1.09
0.19
0.27
54
2
1.32
0.42
0.42
56
2
1.5
0.63
0.54
58
2
1.69
0.85
0.65
60
2
1.87
1.04
0.75
62
2
2.02
1.22
0.86
NXP Semiconductors
Peripheral operating requirements and behaviors
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
49 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com