Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 28Page - NXP Semiconductors K32W14X Datasheet HTML 29Page - NXP Semiconductors K32W14X Datasheet HTML 30Page - NXP Semiconductors K32W14X Datasheet HTML 31Page - NXP Semiconductors K32W14X Datasheet HTML 32Page - NXP Semiconductors K32W14X Datasheet HTML 33Page - NXP Semiconductors K32W14X Datasheet HTML 34Page - NXP Semiconductors K32W14X Datasheet HTML 35Page - NXP Semiconductors K32W14X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
S2
S3
S3
S4
S4
SWD_CLK
Figure 6. Serial wire clock input timing
S7
S8
S5
S6
Input data valid
Output data valid
SWD_CLK
SWD_DIO
SWD_DIO
SWD_DIO
S6
S7
S8
Figure 7. Serial wire data timing
3.2 Clock modules
3.2.1 Reference oscillator specification
This chip is designed to meet targeted specifications with a ±40 ppm frequency error over the life of the part, which includes the
temperature, mechanical, and aging excursions.
The table below shows typical specifications for the Crystal Oscillator.
Table 30. Reference Crystal Specification
Symbol
Description
F0 = 32.0 MHz
Unit
Notes
Min
Typ
Max
TA
Operating Temperature
–40
—
105
°C
1
Crystal frequency
tolerance over Aging and
Temperature
–33
—
30
ppm
2,3
Table continues on the next page...
NXP Semiconductors
Peripheral operating requirements and behaviors
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
32 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com