Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K32W14X Datasheet(PDF) 12 Page - NXP Semiconductors

Part # K32W14X
Description  Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32W14X Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button K32W14X Datasheet HTML 8Page - NXP Semiconductors K32W14X Datasheet HTML 9Page - NXP Semiconductors K32W14X Datasheet HTML 10Page - NXP Semiconductors K32W14X Datasheet HTML 11Page - NXP Semiconductors K32W14X Datasheet HTML 12Page - NXP Semiconductors K32W14X Datasheet HTML 13Page - NXP Semiconductors K32W14X Datasheet HTML 14Page - NXP Semiconductors K32W14X Datasheet HTML 15Page - NXP Semiconductors K32W14X Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
5. All I/O pins are internally clamped to VSS and VDD_IO_
x through an ESD protection diode. If VIN is greater than
VDD_IO_x_MIN(= VSS – 0.3 V) or is less than VDD_IO_x_MAX(= VDD + 0.3 V), then there is no need to provide current
limiting resistors at the pads. If this limit cannot be observed, then a current limiting resistor is required.
6. This device does not allow pin injection current. User must ensure that VIN is kept within the Voltage Maximum Ratings.
7. Open drain outputs must be pulled to whichever supply voltage corresponds to that IO, VDD_IO_
X as appropriate.
2.2.2 HVD, LVD, and POR operating requirements
The device includes low-voltage detection (LVD) and high-voltage detection (HVD) power supervisor circuits for following
power supplies:
• VDD_IO_ABC
• VDD_CORE
• VDD_SYS
For VDD_SYS, it has Power-on-reset (POR) power supervisor circuits.
Table 10. VDD_IO_ABC supply HVD, LVD, and POR Operating Ratings
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VHVDH_IO_A
BC
VDD_IO_ABC Rising high-voltage detect
threshold
3.730
3.810
3.890
V
VHVDH_HYS
_IO_ABC
VDD_IO_ABC High-voltage inhibit reset/recover
hysteresis
—
38
—
mV
VLVDH_IO_A
BC
VDD_IO_ABC Falling low-voltage detect
threshold - high range
2.567
2.619
2.673
V
VLVDH_HYS
_IO_ABC
VDD_IO_ABC Low-voltage inhibit reset/recover
hysteresis - high range
—
27
—
mV
VLVDL_IO_A
BC
VDD_IO_ABC Falling low-voltage detect
threshold - low range
1.618
1.651
1.684
V
VLVDV_HYS
_IO_ABC
VDD_IO_ABC Low-voltage inhibit reset/recover
hysteresis - low range
—
20
—
mV
Table 11. VDD_CORE supply HVD and LVD Operating Ratings
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VHVD_CORE
VDD_CORE Rising high-voltage detect
threshold (HVD assertion)
Target VDD_CORE = 1.05 V
Target VDD_CORE = 1.1 V
Target VDD_CORE = 1.15 V (safe mode LVD)
1.230
1.257
1.285
V
1
VHVD_HYS_CORE VDD_CORE High-voltage inhibit reset/recover
hysteresis
Target VDD_CORE = 1.05 V
Target VDD_CORE = 1.1 V
Target VDD_CORE = 1.15 V (safe mode LVD)
—
14
—
mV
1
Table continues on the next page...
NXP Semiconductors
General
K32W14x Product Family, Rev. 3, 12/2022
Data Sheet: Technical Data
General Business Information
12 / 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com