Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 15Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 16Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 17Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 18Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 19Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 20Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 21Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 22Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 19
MCP3465R
Note:
Unless otherwise indicated, AVDD = 3.3V; DVDD = 3.3V; TA = +25°C; MCLK = 4.9152 MHz;
VIN = -0.5 dBFS at 50 Hz; VREF =AVDD; ADC_MODE = 11. All other registers are set to the default value.
Histogram ticks are centered at their bin center.
FIGURE 2-37:
SINAD vs. AMCLK
(BOOST = 1x).
FIGURE 2-38:
SINAD vs. AMCLK
(BOOST = 2x).
FIGURE 2-39:
SINAD vs. AMCLK
(BOOST = 0.5x, Internal VREF).
FIGURE 2-40:
SINAD vs. AMCLK
(BOOST = 0.66x, Internal VREF).
FIGURE 2-41:
SINAD vs. AMCLK
(BOOST = 1x, Internal VREF).
FIGURE 2-42:
SINAD vs. AMCLK
(BOOST = 2x, Internal VREF).
70
75
80
85
90
95
100
015
20
5
10
MCLK Frequency (MHz)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN=16
BOOST = 1x
70
75
80
85
90
95
100
105
110
115
120
015
20
5
10
MCLK Frequency (MHz)
GAIN=0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN=16
BOOST = 2x
70
75
80
85
90
95
100
0
5
10
15
20
AMCLK Frequency (MHz)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
BOOST = 0.5x
70
75
80
85
90
95
100
05
10
15
20
AMCLK Frequency (MHz)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
BOOST = 0.66x
70
75
80
85
90
95
100
0
5
10
15
20
AMCLK Frequency (MHz)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
BOOST = 1x
70
75
80
85
90
95
100
105
110
115
120
05
10
15
20
AMCLK Frequency (MHz)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
BOOST = 2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com