Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 81 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 81 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 77Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 78Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 79Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 80Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 81Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 82Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 83Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 84Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 81
MCP3465R
7.0
BASIC APPLICATION
CONFIGURATION
The MCP3465R device can be used for various
precision Analog-to-Digital Converter applications. The
flexibility of its usage is given by the possibility of
configuring the ADC to fit the required application.
7.1
Typical Application for Absolute
Voltage Measurement
The MCP3465R is able to measure the signal provided
by sensors with absolute voltage output. For such
applications, the MCP3465R typically uses its internal
voltage reference. For the best performance, an
external
capacitor
is
recommended
on
the
REFIN+/OUT pin for noise filtering and to provide more
stability for the internal voltage reference (see
Section 3.1 “Differential Reference Voltage Inputs:
REFIN+/OUT, REFIN-”).
The ADC can be used in Differential or Single-Ended
mode due to the internal dual multiplexer (Figure 5-1).
The user can select the input connection settings from
the MUX register (Section 8.7 “Multiplexer (MUX)
Register”) by using the different settings available on
the positive and negative inputs of the ADC. The
single-ended configuration is achieved by selecting
AGND for the VIN- input of the ADC (MUX[3:0] = 1000)
or by selecting any CHn input channel for VIN- and
connecting the corresponding CHn input channel to
AGND.
FIGURE 7-1:
MCP3465R Application Example.
RG9/ADC_CS
RG7/ADC_MISO
RG6/ADC_SCK
RG8/ADC_MOSI
GNDA
GNDA
CH0
CH1
5%
10
0603
R2
0.1 μF
0603
C2
5%
10
0603
R1
0.1 μF
0603
C1
10
R4
10
R3
10
R5
10
R6
0.1 μF
0603
C7
0.1 μF
0603
C8
1k
0603
R8
1k
0603
R7
3.3D
3.3A
GND
0.1 μF
0603
C4
0.1 μF
0603
C3
0.1 μF
0603
C6
J1
AGND
1
REFIN-
2
REFIN+
3
SCK
7
SDI
8
SDO
9
U1
GNDA
GNDA
GNDA
GND
10 μF
0603
C5
GNDA
MCP3
465R
Anti-Aliasing Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com