Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 98 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 98 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 94Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 95Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 96Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 97Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 98Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 99Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 100Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 101Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
MCP3465R
DS20006414C-page 98
 2020-2021 Microchip Technology Inc.
8.14
LOCK REGISTER
8.15
RESERVED REGISTER
Name
Bits
Address
Cof
LOCK
8
0xD
R/W
REGISTER 8-14:
LOCK: SPI WRITE MODE LOCKING PASSWORD VALUE REGISTER
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
LOCK[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 7-0
LOCK[7:0]: Write Access Password Entry Code
0xA5 = Write access is allowed on the full register map. CRC on register map values is not calculated
(CRCCFG[15:0] = 0x0000) – default.
Any code, except 0xA5 = Write access is not allowed on the full register map. Only the LOCK register
is writable. CRC on register map is calculated continuously only when DMCLK is running.
Name
Bits
Address
Cof
RESERVED
16
0xE
R/W
REGISTER 8-15:
RESERVED REGISTER
R/W (0x000E)
RESERVED[15:0]
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 15-0
RESERVED[15:0]: Must remain set to 0x000A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com