Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 47Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 48Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 49Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 50Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 51Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 52Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 53Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 54Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 51
MCP3465R
5.10
Low-Power Shutdown Modes
The device incorporates two low-power modes that can
be activated in order to limit power consumption of the
device when ADC is not used. These two modes are
called Partial Shutdown and Full Shutdown modes.
5.10.1
FULL SHUTDOWN MODE
The Full Shutdown mode can only be enabled by send-
ing a Fast Command Full Shutdown (Fast Command
code: ‘1101’). Note that the execution of this Fast
command forces the CONFIG0 to be set to 0x00 (no
active block is enabled).
Full Shutdown mode is the lowest power mode of the
device. None of the circuits consuming static power are
active in this mode.
As stated in Section 5.8 “Power-on Reset”, the
AVDD/DVDD POR monitoring circuits are not active
while in Full Shutdown mode.
The part can still be accessed through the SPI interface
during this mode and will accept incoming SPI com-
mands. The ADCDATA register is not cleared during Full
Shutdown mode and still holds previous conversion
results. The other register settings are not modified or
reset due to entering Full Shutdown mode.
The Full Shutdown mode stops all internal timers and
resets them. Sending a Fast CMD to change the
operating mode exits the Full Shutdown mode.
The user should place all digital inputs to a static value
(logic low or high) in order to optimize power con-
sumption during Full Shutdown mode. The current
consumption specifications during Full Shutdown
mode are intended without any digital pin toggling
during the measurement. In this case, only leakage
current is consumed throughout the device and this
current varies exponentially with respect to absolute
temperature.
5.10.2
PARTIAL SHUTDOWN MODE
Partial Shutdown mode is achieved when CONFIG0 is
set to ‘0000000x’. In this mode, most of the internal
circuits are shut down, with the exception of the POR
monitoring and internal biasing circuits. During the Par-
tial Shutdown mode, the power supply is continuously
monitored, whereas in Full Shutdown mode, the POR
monitoring circuits are powered down. The power con-
sumption is also much higher in Partial Shutdown mode
due to the POR monitoring circuits being active. Partial
Shutdown mode allows the device to be restarted and
put back in Conversion mode faster than Full Shutdown
mode. Table 5-11 describes the differences between
Partial and Full Shutdown modes. If the current
consumption of Partial Shutdown mode is acceptable for
the application, it is recommended that it is used as an
alternative to Full Shutdown mode, where the POR mon-
itoring circuits are shut down and no longer monitoring
the AVDD and DVDD power supplies.
Note:
If the digital power supply resides for a long
time period below the POR threshold and
to a sufficiently low voltage (typically below
0.6V), some bits previously set to ‘1’ can
toggle to ‘0’ and not be set properly.
In order to ensure a safe operation after
the Full Shutdown mode, follow the
sequence of commands:
- Write LOCK register to 0xA5
- Write IRQ register to 0x07
- Send a Fast CMD Full Reset (‘1110’)
- Reconfigure the chip as desired
This sequence ensures a recovery with
the desired settings in any loss of power
scenario.
TABLE 5-11:
LOW-POWER MODES(1)
Device
Low-Power Mode
VREF_SEL CONFIG0[6] CLK_SEL[1:0] CS_SEL[1:0] ADC_MODE[1:0]
Description
Partial Shutdown
0
0
00
00
0x
All peripherals, except the POR
monitoring circuits and clock bias-
ing circuits, are shut down and
consume no static current. The
SPI interface remains active in
this mode and consumes no
current while the bus is Idle.
Full Shutdown
0
0
00
00
00
All analog and digital circuits are
shut down and consume no static
current. The SPI interface
remains active in this mode and
consumes no current while the
bus is Idle.
Note 1:
x =Do not care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com