Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 38Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 39Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 40Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 41Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 42Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 43Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 44Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 45Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
MCP3465R
DS20006414C-page 42
 2020-2021 Microchip Technology Inc.
The resolution (number of possible output codes
expressed in powers of two or in bits) of the digital
filter is a 16-bit maximum for any OSR = OSR3 x OSR1
and data format choice. The resolution only depends
on the OSR through the OSR[3:0] bits setting in the
CONFIG1 register per Table 5-6. Once the OSR is
chosen, the resolution is fixed and the output code of
the ADC is encoded with the data format defined by
the DATA_FORMAT[1:0] bits setting in the CONFIG3
register.
The transfer function of this filter has a unity gain at
each multiple of DMCLK. A proper anti-aliasing filter
must be placed at the ADC inputs. This will attenuate
the frequency contents around each multiple of
DMCLK and keep the desired accuracy over the base-
band of the converter. This anti-aliasing filter can be a
simple first-order RC network with low time constant to
provide a high rejection at DMCLK frequency.
The conversion time is a function of the OSR settings
and the DMCLK frequency.
EQUATION 5-4:
CONVERSION TIME FOR
OSR = OSR3 xOSR1
In One-Shot mode, each conversion is launched
individually, so the maximum data rate is effectively
1/TCONV if each conversion is launched with no delay.
The digital filter is reset in between each conversion.
However, due to the nature of the digital filter (which
memorizes the sum of the incoming bit stream), the
data rate at the filter output can be maximized if the
filter is never reset. Because of the internal resampling
of the digital filter, the output data rate can be equal to
DMCLK/OSR = DRCLK; this is the case in Continuous
mode. In this case, the first conversion still happens in
the TCONV time, as this is the settling time of the filter.
The subsequent conversions are pipelined and give
their output at a data rate of DRCLK. The Continuous
Conversion mode can optimize the data rate, while con-
suming the same power as One-Shot mode, which is
advantageous in applications that require a continuous
sampling of the analog inputs. The Continuous mode is
not compatible with multiplexing the inputs (see
Section 5.15 “Scan Mode” for more details about the
Conversion mode settings in MUX and Scan modes).
Figure 5-5 shows the fundamental difference between
One-Shot mode and Continuous mode in a simplified
diagram.
FIGURE 5-5:
One-Shot Mode vs. Continuous Mode.
TCONV
3OSR3

OSR1 1
–
 OSR
3
+
 DMCLK
=
TCONV
One-Shot mode
Conversions are Serialized,
Filter is Reset after Each Conversion
Group Delay: TCONV
Data Rate: 1/(TCONV)
Conversion1
TCONV
Continuous mode
Conversions are Pipelined,
Filter is Never Reset
Group Delay: TCONV
Data Rate: DRCLK
TCONV
Conversion2
TCONV
Conversion3
Conversion3
1/DRCLK
1/DRCLK
TCONV
Analog Input
Signal
Conversion1
Conversion2
TCONV = Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com