Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 36Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 37Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 38Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 39Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 40Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 41Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 42Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 43Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
MCP3465R
DS20006414C-page 40
 2020-2021 Microchip Technology Inc.
5.3.1
ANALOG GAIN
The gain settings, from 0.33x to 16x, are done in the
analog domain. This analog gain is placed on each
ADC differential input. Each doubling of the gain
improves the thermal noise due to sampling by
approximately 3 dB, which means the lowest noise con-
figuration is obtained when using the highest analog
gain. The SNR, however, is degraded, since doubling
the gain factor reduces the maximum allowable input
signal amplitude by approximately 6 dB.
If the gain is set to 0.33x, the differential input range
theoretically becomes ±3 * VREF. However, the device
does not support input voltages outside of the power
supply voltage range. If large reference voltages are
used with this gain, the input voltage range will be
clipped between AGND and AVDD; therefore, the output
code span will be limited. This gain is useful when the
reference voltage is small and when the input signal
voltage is large.
The analog gain stage can be used to amplify very low
signals, but the differential input range of the
Delta-Sigma modulator must not be exceeded.
5.3.2
DIGITAL GAIN
When the gain setting is chosen from 16x to 64x, the
analog gain stays constant at 16x, and the additional
gain is done in the digital domain by a simple shift and
round of the output code. The digital gain range is
between 1x and 4x.
The output noise is approximately unchanged (except
for the quantization noise, which is slightly decreased).
The SNR is thus degraded by 6 dB per octave from 16x
to 64x settings.
This digital gain is useful for scaling up the signals with-
out using the host device (MCU) operations, but they
degrade the SNR and resolution (one bit per octave)
and do not significantly improve the noise performance,
except for very large OSR settings.
5.4
Delta-Sigma Modulator
5.4.1
ARCHITECTURE
The Delta-Sigma
 ADC includes a second-order
modulator with a multibit DAC architecture. Its 5-level
quantizer is a Flash ADC composed of four compara-
tors with equally spaced thresholds and a thermometer
output coding. The proprietary 5-level architecture
ensures minimum quantization noise at the outputs of
the modulators without disturbing the linearity or
inducing additional distortion.
Unlike most multibit DAC architectures, the 5-level
DAC used in this architecture is inherently linear; there-
fore, it does not degrade the ADC linearity and THD
performance. The sampling frequency is DMCLK;
therefore, the modulator outputs are refreshed at a
DMCLK rate. Figure 5-2 represents a simplified block
diagram of the Delta-Sigma modulator.
FIGURE 5-2:
Simplified Delta-Sigma ADC
Block Diagram.
5.4.2
MODULATOR OUTPUT BLOCK
The modulator output option enables users to apply
their own digital filtering on the output bit stream. By
setting EN_MDAT = 1 in the IRQ register, the modula-
tor output is available through the ADCDATA register
(0x0) with DMCLK rate. With this configuration, the
digital decimation filter is disabled in order to reduce
the current consumption and no data ready interrupt is
generated on any of the IRQ mechanisms.
Considering that the Delta-Sigma modulator has a
5-level output, given by the state of four comparators
with thermometer coding, the output is represented
using four bits, each bit representing the state of the cor-
responding comparator (see Table 5-4). The modulator
can be considered as a 5-level output at DMCLK rate.
When CLK_SEL[1:0] = 11 (internal oscillator with
external clock output), the AMCLK clock is present on
the SCK pin. This configuration allows a correct
synchronization of the bit stream when the internal
oscillator is used as the master clock source.
When CLK_SEL[1:0] = 00, the modulator outputs are
also synchronized with the SCK input, but the ratio
between MCLK and AMCLK must be taken into
account in the user applications to correctly retrieve the
desired bit stream.
TABLE 5-4:
DELTA-SIGMA MODULATOR
OUTPUT CODING
COMP[3:0]
Code
Modulator
Output Code
(Decimal)
MDAT
ADCDATA
Value
Equivalent
VREF
Voltage
1111
+2
1111
+VREF
0111
+1
0111
+VREF/2
0011
0
0011
0
0001
-1
0001
-VREF/2
0000
-2
0000
-VREF
Differential Input
Voltage
(from Analog Mux)
Analog
2
nd Order
Loop
Filter
Output
Bitstream
Thermometer Coding
(to Digital Filter)
Delta-Sigma 2
nd Order 5-Level Modulator
4
Analog
Digital
5-Level DAC
Quantizer
5-Level Flash
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com