Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 23Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 24Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 25Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 26Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 27Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 28Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 29Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 30Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 27
MCP3465R
3.0
PIN DESCRIPTIONS
TABLE 3-1:
PIN FUNCTION TABLE
MCP3465R
Symbol
Description
1AGND
Analog Ground Pin
2
REFIN-
Inverting Reference Input Pin
3
REFIN+
Noninverting Reference Input Pin
4
CH1
Analog Input 1 Pin
5
CH0
Analog Input 0 Pin
6CS
Serial Interface Chip Select Digital Input Pin
7
SCK
Serial Interface Digital Clock Input Pin and Master Clock Input/Output Pin
8
SDI
Serial Interface Digital Data Input Pin
9
SDO
Serial Interface Digital Data Output Pin
10
DGND
Digital Ground Pin
11
DVDD
Digital Supply Voltage Pin
12
AVDD
Analog Supply Voltage Pin
13
EP
Exposed Thermal Pad, internally connected to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com