Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 39Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 40Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 41Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 42Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 43Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 44Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 45Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 46Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 43
MCP3465R
Since the converter is effectively doing two conversions
when the AZ_MUX bit is enabled, the conversion time
is equal to 2 * TCONV in this mode. As described in
Section 5.1.3 “ADC Offset Cancellation Algorithm”,
this selection is not compatible with the Continuous
Conversion mode; therefore, the output data rate is
equal to 1/(2 * TCONV) in this mode.
Table 5-6 summarizes the possible filter settings and
their associated Conversion Time, TCONV, as well as
their output data rate (DRCLK) in Continuous mode.
When OSR is larger than 20480 for typical master clock
frequency, MCLK = 4.9152 MHz, the device includes
an additional 50/60 Hz rejection by aligning decimation
filter notches with a multiple of 50/60 Hz depending on
the OSR setting. The rejection band strongly depends
on the master clock accuracy and corresponds to a
first-order decimation filter rejection rate.
The high OSR settings can be used for applications
requiring very low noise and slow data rates.
Figure 5-6 shows the frequency response of the deci-
mation filter with default settings. Figure 5-7 represents
the frequency response of the filter with the highest
OSR settings and a line rejection at 60 Hz.
TABLE 5-6:
OVERSAMPLING RATIO AND SINC FILTER RELATIONSHIP
OSR[3:0]
OSR3 OSR1 Total
OSR
ADC Resolution
in Bits
(No Missing
Codes)
Conversion
Time
(TCONV)
Data Rate in Continuous
Conversion Mode
Data Rate (Hz)
with
MCLK = 4.9152 MHz
Fastest Data Rate (Hz)
with
MCLK = 19.6608 MHz
000 0
32
1
32
16
96/DMCLK
38400
153600
000 1
64
1
64
16
192/DMCLK
19200
76800
001 0
128
1
128
16
384/DMCLK
9600
38400
001 1
256
1
256
16
768/DMCLK
4800
19200
010 0
512
1
512
16
1536/DMCLK
2400
9600
010 1
512
2
1024
16
2048/DMCLK
1200
4800
011 0
512
4
2048
16
3072/DMCLK
600
2400
011 1
512
8
4096
16
5120/DMCLK
300
1200
100 0
512
16
8192
16
9216/DMCLK
150
600
100 1
512
32
16384
16
17408/DMCLK
75
300
101 0
512
40
20480
16
21504/DMCLK
60
240
101 1
512
48
24576
16
25600/DMCLK
50
200
110 0
512
80
40960
16
41984/DMCLK
30
120
110 1
512
96
49152
16
50176/DMCLK
25
100
111 0
512
160
81920
16
82944/DMCLK
15
60
111 1
512
192
98304
16
99328/DMCLK
12.5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com