Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 88 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 88 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 84Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 85Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 86Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 87Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 88Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 89Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 90Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 91Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
MCP3465R
DS20006414C-page 88
 2020-2021 Microchip Technology Inc.
8.3
CONFIG1 REGISTER
Name
Bits
Address
Cof
CONFIG1
8
0x2
R/W
REGISTER 8-3:
CONFIG1: CONFIGURATION REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
PRE[1:0]
OSR[3:0]
RESERVED[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
PRE[1:0]: Prescaler Value Selection for AMCLK
11 = AMCLK = MCLK/8
10 = AMCLK = MCLK/4
01 = AMCLK = MCLK/2
00 = AMCLK = MCLK (default)
bit 5-2
OSR[3:0]: Oversampling Ratio for Delta-Sigma A/D Conversion
1111 = OSR: 98304
1110 = OSR: 81920
1101 = OSR: 49152
1100 = OSR: 40960
1011 = OSR: 24576
1010 = OSR: 20480
1001 = OSR: 16384
1000 = OSR: 8192
0111 = OSR: 4096
0110 = OSR: 2048
0101 = OSR: 1024
0100 = OSR: 512
0011 = OSR: 256 (default)
0010 = OSR: 128
0001 = OSR: 64
0000 = OSR: 32
bit 1-0
RESERVED[1:0]: Must remain set to ‘00’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com