Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3465RT-E/SFX Datasheet(PDF) 104 Page - Microchip Technology

Part # MCP3465RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465RT-E/SFX Datasheet(HTML) 104 Page - Microchip Technology

Back Button MCP3465RT-E/SFX Datasheet HTML 100Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 101Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 102Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 103Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 104Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 105Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 106Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 107Page - Microchip Technology MCP3465RT-E/SFX Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
MCP3465R
DS20006414C-page 104
 2020-2021 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
1.00
1.00
MILLIMETERS
0.40 BSC
MIN
E
MAX
2.10
Contact Pad Length (X12)
Contact Pad Width (X12)
Y1
X1
0.70
0.20
Microchip Technology Drawing C04-2438A
NOM
12-Lead Ultra Thin Plastic Quad Flat, No Lead Package (SFX) - 2x2 mm Body [UQFN]
SILK SCREEN
1
2
12
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
2.10
Contact Pad to Center Pad (X12)
G1
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
ØV
Thermal Via Diameter
EV
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com