Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 168Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 169Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 170Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 171Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 172Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 173Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 174Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 175Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 439 page
background image
20.11.1 TxCON
Name: 
TxCON
Offset: 
0x020E
Timer Control Register
Bit
7
6
5
4
3
2
1
0
CKPS[1:0]
SYNC
RD16
ON
Access
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
Bits 5:4 – CKPS[1:0] Timer Input Clock Prescaler Select
Reset States: POR/BOR = 00
All Other Resets = uu
Value
Description
11
1:8 Prescaler value
10
1:4 Prescaler value
01
1:2 Prescaler value
00
1:1 Prescaler value
Bit 2 – SYNC Timer External Clock Input Synchronization Control
Reset States: POR/BOR = 0
All Other Resets = u
Value
Condition
Description
x
CS = FOSC/4 or FOSC
This bit is ignored. Timer uses the incoming clock as is.
1
All other clock sources
Do not synchronize external clock input
0
All other clock sources
Synchronize external clock input with system clock
Bit 1 – RD16 16-Bit Read/Write Mode Enable
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
Enables register read/write of Timer in one 16-bit operation
0
Enables register read/write of Timer in two 8-bit operations
Bit 0 – ON Timer On
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
Enables Timer
0
Disables Timer
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com