Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 169Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 170Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 171Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 172Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 173Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 174Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 175Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 176Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 439 page
background image
20.11.2 TxGCON
Name: 
TxGCON
Offset: 
0x020F
Timer Gate Control Register
Bit
7
6
5
4
3
2
1
0
GE
GPOL
GTM
GSPM
GGO/DONE
GVAL
Access
R/W
R/W
R/W
R/W
R/W
R
Reset
0
0
0
0
0
x
Bit 7 – GE Timer Gate Enable
Reset States: POR/BOR = 0
All Other Resets = u
Value
Condition
Description
1
ON = 1
Timer counting is controlled by the Timer gate function
0
ON = 1
Timer is always counting
X
ON = 0
This bit is ignored
Bit 6 – GPOL Timer Gate Polarity
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
Timer gate is active-high (Timer counts when gate is high)
0
Timer gate is active-low (Timer counts when gate is low)
Bit 5 – GTM Timer Gate Toggle Mode
Timer Gate flip-flop toggles on every rising edge when Toggle mode is enabled.
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
Timer Gate Toggle mode is enabled
0
Timer Gate Toggle mode is disabled and Toggle flip-flop is cleared
Bit 4 – GSPM Timer Gate Single Pulse Mode
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
Timer Gate Single Pulse mode is enabled and is controlling Timer gate
0
Timer Gate Single Pulse mode is disabled
Bit 3 – GGO/DONE Timer Gate Single Pulse Acquisition Status
This bit is automatically cleared when TxGSPM is cleared.
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
Timer Gate Single Pulse Acquisition is ready, waiting for an edge
0
Timer Gate Single Pulse Acquisition has completed or has not been started
Bit 2 – GVAL Timer Gate Current State
Indicates the current state of the timer gate that can be provided to TMRxH:TMRxL
Unaffected by the Timer Gate Enable (GE) bit
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com