Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 203 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 203 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 199Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 200Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 201Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 202Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 203Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 204Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 205Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 206Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 439 page
background image
PWM resolution defines the maximum number of steps that can be present in a single PWM period. A higher
resolution allows for more precise control of the power applied to the load.
The term duty cycle describes the proportion of the ON time to the OFF time and is expressed in percentages, where
0% is fully OFF and 100% is fully ON. A lower duty cycle corresponds to less power applied and a higher duty cycle
corresponds to more power applied. The figure below shows a typical waveform of the PWM signal.
Figure 22-3. CCP PWM Output Signal
Period
Pulse Width
TMR2 =
0
TMR2 = CCPRx
TMR2 = PR2
22.4.1
Standard PWM Operation
The standard PWM function described in this section is available and identical for all CCP modules. It generates a
PWM signal on the CCPx pin with up to 10 bits of resolution. The period, duty cycle, and resolution are controlled by
the following registers:
• Even numbered TxPR (T2PR) registers
• Even numbered TxCON (T2CON) registers
• 16-bit CCPRx registers
• CCPxCON registers
It is required to have FOSC/4 as the clock input to T2TMR for correct PWM operation. The following figure shows a
simplified block diagram of PWM operation.
PIC16F15213/14/23/24/43/44
CCP - Capture/Compare/PWM Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com