Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 200Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 201Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 202Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 203Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 204Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 205Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 206Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 207Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 439 page
background image
Figure 22-4. Simplified PWM Block Diagram
Rev. 10-000 157C
2/20/201 9
CCPRxH
Duty cycle registers
10-bit Latch
(2)
(Not accessible by user)
Comparator
Comparator
PR2
(1)
TMR2
TMR2 Module
CCPx
CCPx_out
R
TRIS Control
R
S
Q
CCPRxL
to peripherals
set CCPIF
CCPx_pset
ERS logic
Notes: 1. An 8-bit timer is concatenated with two bits generated by Fosc or two bits of the internal prescaler
to create 10-bit time base.
2. The alignment of the 10 bits from the CCPR register is determined by the CCPxFMT bit.
PPS
RxyPPS
Important:  The corresponding TRIS bit must be cleared to enable the PWM output on the CCPx pin.
22.4.2
Timer2 Timer Resource
The PWM Standard mode makes use of the 8-bit Timer2 timer resources to specify the PWM period.
22.4.3
PWM Period
The PWM period is specified by the T2PR register of Timer2. The PWM period can be calculated using the formula in
the equation below.
Equation 22-1. PWM Period
PWMPeriod= T2PR+1 •4•TOSC• TMR2PrescaleValue
where TOSC = 1/FOSC
When T2TMR is equal to T2PR, the following three events occur on the next increment event:
• T2TMR is cleared
• The CCPx pin is set (Exception: If the PWM duty cycle = 0%, the pin will not be set)
• The PWM duty cycle is transferred from the CCPRx register into a 10-bit buffer
PIC16F15213/14/23/24/43/44
CCP - Capture/Compare/PWM Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com