Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 204Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 205Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 206Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 207Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 208Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 209Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 210Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 211Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 439 page
background image
22.5.1
CCPxCON
Name: 
CCPxCON
Offset: 
0x30E,0x312
CCP Control Register
Bit
7
6
5
4
3
2
1
0
EN
OUT
FMT
MODE[3:0]
Access
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset
0
x
0
0
0
0
0
Bit 7 – EN CCP Module Enable
Value
Description
1
CCP is enabled
0
CCP is disabled
Bit 5 – OUT CCP Output Data (read-only)
Bit 4 – FMT CCPxRH:L Value Alignment (PWM mode)
Value
Condition
Description
x
Capture mode
Not used
x
Compare mode
Not used
1
PWM mode
Left aligned format
0
PWM mode
Right aligned format
Bits 3:0 – MODE[3:0] CCP Mode Select
Table 22-5. CCPx Mode Select
MODE Value
Operating Mode
Operation
Set CCPxIF
11xx
PWM
PWM operation
Yes
1011
Compare
Pulse output; clear TMR1(2)
Yes
1010
Pulse output
Yes
1001
Clear output(1)
Yes
1000
Set output(1)
Yes
0111
Capture
Every 16th rising edge of CCPx input
Yes
0110
Every 4th rising edge of CCPx input
Yes
0101
Every rising edge of CCPx input
Yes
0100
Every falling edge of CCPx input
Yes
0011
Every edge of CCPx input
Yes
0010
Compare
Toggle output
Yes
0001
Toggle output; clear TMR1(2)
Yes
0000
Disabled
—
Notes: 
1.
The set and clear operations of the Compare mode are reset by setting MODE = ‘b0000 or EN = 0.
2.
When MODE = ‘b0001 or ‘b1011, then the timer associated with the CCP module is cleared. TMR1 is the
default selection for the CCP module, so it is used for indication purposes only.
PIC16F15213/14/23/24/43/44
CCP - Capture/Compare/PWM Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com