Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 212 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 212 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 208Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 209Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 210Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 211Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 212Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 213Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 214Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 215Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 439 page
background image
23.
PWM - Pulse-Width Modulation
The PWM module generates a Pulse-Width Modulated signal determined by the duty cycle, period, and resolution
that are configured by the following registers:
• T2PR
• T2CON
• PWMxDC
• PWMxCON
Important:  The corresponding TRIS bit must be cleared to enable the PWM output on the PWMx pin.
Each PWM module uses the same timer source, Timer2, to control each module.
Figure 23-1 shows a simplified block diagram of PWM operation.
Figure 23-2 shows a typical waveform of the PWM signal.
Figure 23-1. Simplified PWM Block Diagram
Filename:
10-Bit Simplified PWM Block Diagram.vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
PWMxDCH
Duty cycle registers
PWMxDCL[7:6]
10-bit Latch
(Not visible to user)
Comparator
Comparator
T2PR
(1)
T2TMR
TMR2 Module
0
1
POL
PWMx
PWMx_out
To Peripherals
R
TRIS Control
R
S
Q
Q
T2_match
PPS
RxyPPS
Note: 
1.
8-bit timer is concatenated with two bits generated by FOSC or two bits of the internal prescaler to create 10-bit
time base.
PIC16F15213/14/23/24/43/44
PWM - Pulse-Width Modulation
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com