Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 211Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 212Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 213Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 214Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 215Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 216Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 217Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 218Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 439 page
background image
Table 23-2. Example PWM Frequencies and Resolutions (FOSC = 8 MHz)
PWM Frequency
0.31 kHz
4.90 kHz
19.61 kHz
76.92 kHz
153.85 kHz
200.0 kHz
Timer Prescale
64
4
1
1
1
1
T2PR Value
0x65
0x65
0x65
0x19
0x0C
0x09
Maximum Resolution (bits)
8
8
8
6
5
5
23.6
Operation in Sleep Mode
In Sleep mode, the T2TMR register will not increment and the state of the module will not change. If the PWMx pin is
driving a value, it will continue to drive that value. When the device wakes up, T2TMR will continue from its previous
state.
23.7
Changes in System Clock Frequency
The PWM frequency is derived from the system clock frequency (FOSC). Any changes in the system clock frequency
will result in changes to the PWM frequency.
23.8
Effects of Reset
Any Reset will force all ports to Input mode and the PWM registers to their Reset states.
23.9
Setup for PWM Operation Using PWMx Output Pins
Follow the next steps when configuring the module for PWM operation using the PWMx pins:
1.
Disable the PWMx pin output driver(s) by setting the associated TRIS bit(s).
2.
Clear the PWMxCON register.
3.
Load the T2PR register with the PWM period value.
4.
Load the PWMxDCH register and bits [7:6] of the PWMxDCL register with the PWM duty cycle value.
5.
Configure and start Timer2:
– Clear the TMR2IF Interrupt Flag bit of the PIRx register.(1)
– Select the timer clock source to be as FOSC/4 using the T2CLKCON register. This is required for correct
operation of the PWM module.
– Configure the CKPS bits of the T2CON register with the Timer2 prescale value.
– Enable Timer2 by setting the ON bit of the T2CON register.
6.
Enable the PWM output pin and wait until Timer2 overflows; the TMR2IF bit of the PIRx register is set.(2)
7.
Enable the PWMx pin output driver(s) by clearing the associated TRIS bit(s) and setting the desired pin PPS
control bits.
8.
Configure the PWM module by loading the PWMxCON register with the appropriate values.
Notes: 
1.
To send a complete duty cycle and period on the first PWM output, the above steps must be followed in the
given order. If it is not critical to start with a complete PWM signal, then move step 8 to replace step 4.
2.
For operation with other peripherals only, disable PWMx pin outputs.
23.9.1
PWMx Pin Configuration
All PWM outputs are multiplexed with the PORT data latch. The user must configure the pins as outputs by clearing
the associated TRIS bits.
PIC16F15213/14/23/24/43/44
PWM - Pulse-Width Modulation
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com