Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 209Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 210Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 211Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 212Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 213Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 214Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 215Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 216Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 439 page
background image
Figure 23-2. PWM Output
Filename:
PWM Output.vsdx
Title:
Last Edit:
2/3/2020
First Used:
Notes:
Rev. PWM Out put
2/3/2020
Pulse Width
T2TMR = T2PR
T2TMR reloaded with 0
T2TMR = Duty Cycle =
PWMxDCH[7:0]:PWMxDCL[7:6]
Period
T2TMR = T2PR
T2TMR reloaded with 0
For a step-by-step procedure on how to set up this module for PWM operation, refer to 23.9. Setup for PWM
Operation Using PWMx Output Pins.
23.1
Fundamental Operation
The PWM module produces a 10-bit resolution output. The timer selection for PWMx is TMR2. T2TMR and T2PR set
the period of the PWM. The PWMxDCL and PWMxDCH registers configure the duty cycle. The period is common to
all PWM modules, whereas the duty cycle is independently controlled.
Important:  The Timer2 postscaler is not used in the determination of the PWM frequency. The postscaler
might be used to have a servo update rate at a different frequency than the PWM output.
All PWM outputs associated with Timer2 are set when T2TMR is cleared. Each PWMx is cleared when T2TMR is
equal to the value specified in the corresponding PWMxDCH (8 MSb) and PWMxDCL[7:6] (2 LSb) registers. When
the value is greater than or equal to T2PR, the PWM output is never cleared (100% duty cycle).
Important:  The PWMxDCH and PWMxDCL registers are double-buffered. The buffers are updated when
T2TMR matches T2PR. Care has to be taken to update both registers before the timer match occurs.
23.2
PWM Output Polarity
The output polarity is inverted by setting the POL bit.
23.3
PWM Period
The PWM period is specified by the T2PR register. The PWM period can be calculated using the formula of Equation
23-1. It is required to have FOSC/4 as the selected clock input to the timer for correct PWM operation.
Equation 23-1. PWM Period
PWMPeriod= T2PR +1 •4•Tosc• TMR2PrescaleValue
Note:  TOSC = 1/FOSC
When T2TMR is equal to T2PR, the following three events occur on the next increment cycle:
• T2TMR is cleared
PIC16F15213/14/23/24/43/44
PWM - Pulse-Width Modulation
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com