Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 220 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 220 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 216Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 217Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 218Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 219Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 220Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 221Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 222Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 223Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 439 page
background image
24.
EUSART - Enhanced Universal Synchronous Asynchronous Receiver
Transmitter
The Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) module is a serial I/O
communications peripheral. It contains all the clock generators, shift registers and data buffers necessary to perform
an input or output serial data transfer independent of device program execution. The EUSART, also known as
a Serial Communications Interface (SCI), can be configured as a full-duplex asynchronous system or half-duplex
synchronous system.
Full Duplex mode is useful for communications with peripheral systems, such as CRT terminals and personal
computers. Half Duplex Synchronous mode is intended for communications with peripheral devices, such as A/D or
D/A integrated circuits, serial EEPROMs or other microcontrollers. These devices typically do not have internal clocks
for baud rate generation and require the external clock signal provided by a host synchronous device.
The EUSART module includes the following capabilities:
• Full-duplex asynchronous transmit and receive
• Two-character input buffer
• One-character output buffer
• Programmable 8-bit or 9-bit character length
• Address detection in 9-bit mode
• Input buffer overrun error detection
• Received character framing error detection
• Half-duplex synchronous host
• Half-duplex synchronous client
• Programmable clock polarity in Synchronous modes
• Sleep operation
The EUSART module implements the following additional features, making it ideally suited for use in Local
Interconnect Network (LIN) bus systems:
• Automatic detection and calibration of the baud rate
• Wake-up on Break reception
• 13-bit Break character transmit
Block diagrams of the EUSART transmitter and receiver are shown in Figure 24-1 and Figure 24-2.
The operation of the EUSART module consists of six registers:
• Transmit Status and Control (TXxSTA)
• Receive Status and Control (RCxSTA)
• Baud Rate Control (BAUDxCON)
• Baud Rate Value (SPxBRG)
• Receive Data Register (RCxREG)
• Transmit Data Register (TXxREG)
The RXx/DTx and TXx/CKx input pins are selected with the RXxPPS and TXxPPS registers, respectively. TXx, CKx,
and DTx output pins are selected with each pin’s RxyPPS register. Since the RX input is coupled with the DT output
in Synchronous mode, it is the user’s responsibility to select the same pin for both of these functions when operating
in Synchronous mode. The EUSART control logic will control the data direction drivers automatically.
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com