Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 222 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 218Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 219Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 220Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 221Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 222Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 223Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 224Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 225Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 439 page
background image
Figure 24-2. EUSART Receive Block Diagram
÷ n
Multiplier
x4
SYNC
BRGH
BRG16
x16
x64
1
1
1
1
1
x
x
x 0
0
0
0
0
0
0
n
+ 1
SPB RG H SPB RG L
Bau d Rate Gene rato r
FOSC
BRG16
SPE N
CRE N
OERR
RCIDL
Pin Buffer
and Control
Data
Recove ry
RXx/DTx pin
Stop
(8)
7
Start
0
1
MSb
LSb
RSR Register
RX9
FERR
RX9D
RCREG Register
FIFO
8
Data B us
RCxIE
RCxIF
Inte rrupt
Rev. 10-000 114B
2/15/201 7
PPS
RXPPS
(1)
Not e
s: 1. In Synchronous mode, the DT output and RX input PPS
selectio ns
will enable the same pin.
2. In Host Synchronous mode, the TX output and CK input
PPS selections
will enable the same pin.
1
0
SYNC
CSRC
PPS
CKx Pi n
CKPPS
(2)
24.1
EUSART Asynchronous Mode
The EUSART transmits and receives data using the standard non-return-to-zero (NRZ) format. NRZ is implemented
with two levels: a VOH Mark state which represents a ‘1’ data bit, and a VOL Space state which represents a ‘0’ data
bit. NRZ refers to the fact that consecutively transmitted data bits of the same value stay at the output level of that bit
without returning to a neutral level between each bit transmission. An NRZ transmission port idles in the Mark state.
Each character transmission consists of one Start bit followed by eight or nine data bits and is always terminated
by one or more Stop bits. The Start bit is always a space and the Stop bits are always marks. The most common
data format is eight bits. Each transmitted bit persists for a period of 1/(Baud Rate). An on-chip dedicated 8-bit/16-bit
Baud Rate Generator is used to derive standard baud rate frequencies from the system oscillator. See Table 24-2 for
examples of baud rate configurations.
The EUSART transmits and receives the LSb first. The EUSART’s transmitter and receiver are functionally
independent, but share the same data format and baud rate. Parity is not supported by the hardware, but can
be implemented in software and stored as the ninth data bit.
24.1.1
EUSART Asynchronous Transmitter
Figure 24-1 is a simplified representation of the transmitter. The heart of the transmitter is the serial Transmit Shift
Register (TSR), which is not directly accessible by software. The TSR obtains its data from the transmit buffer, which
is the TXxREG register.
24.1.1.1 Enabling the Transmitter
The EUSART transmitter is enabled for asynchronous operations by configuring the following three control bits:
• The Transmit Enable (TXEN) bit is set to ‘1’ to enable the transmitter circuitry of the EUSART
• The EUSART Mode Select (SYNC) bit is set to ‘0’ to configure the EUSART for asynchronous operation
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com