Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 228 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 228 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 224Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 225Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 226Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 227Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 228Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 229Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 230Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 231Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 439 page
background image
24.3
EUSART Baud Rate Generator (BRG)
The Baud Rate Generator (BRG) is an 8-bit or 16-bit timer that is dedicated to the support of both the asynchronous
and synchronous EUSART operations. By default, the BRG operates in 8-bit mode. Setting the BRG16 bit selects
16-bit mode.
The SPxBRGH:SPxBRGL register pair determines the period of the free-running baud rate timer. In Asynchronous
mode, the multiplier of the baud rate period is determined by both the BRGH and the BRG16 bits. In Synchronous
mode, the BRGH bit is ignored.
Table 24-1 contains the formulas for determining the baud rate. Equation 24-1 provides a sample calculation for
determining the baud rate and baud rate error.
Typical baud rates and error values for various Asynchronous modes have been computed and are shown in the
table below. It may be advantageous to use the high baud rate (BRGH = 1), or the 16-bit BRG (BRG16 = 1) to reduce
the baud rate error. The 16-bit BRG mode is used to achieve slow baud rates for fast oscillator frequencies. The
BRGH bit is used to achieve very high baud rates.
Writing a new value to the SPxBRGH:SPxBRGL register pair causes the BRG timer to be reset (or cleared). This
ensures that the BRG does not wait for a timer overflow before outputting the new baud rate.
If the system clock is changed during an active receive operation, a receive error or data loss may result. To avoid
this, check the status of the Receive Idle Flag (RCIDL) bit to make sure the receive operation is idle before changing
the system clock.
Equation 24-1. Calculating Baud Rate Error
For a device with FOSC of 16 MHz, desired baud rate of 9600, Asynchronous mode, 8-bit BRG:
DesiredBaudrate= FOSC
64× SPxBRG+1
Solving for SPxBRG:
SPxBRG= FOSC
64×DesiredBaudrate−1
SPxBRG=16000000
64×9600−1
SPxBRG=25.042≃25
CalculatedBaudrate= 16000000
64× 25+1
CalculatedBaudrate=9615
Error= CalculatedBaudrate−DesiredBaudrate
DesiredBaudrate
Error= 9615−9600
9600
Error=0.16%
Table 24-1. Baud Rate Formulas
Configuration Bits
BRG/EUSART Mode
Baud Rate Formula
SYNC
BRG16
BRGH
0
0
0
8-bit/Asynchronous
FOSC/[64 (n+1)]
0
0
1
8-bit/Asynchronous
FOSC/[16 (n+1)]
0
1
0
16-bit/Asynchronous
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com