Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 232 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 232 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 228Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 229Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 230Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 231Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 232Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 233Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 234Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 235Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 439 page
background image
9600
9615
0.16
207
9615
0.16
103
9600
0.00
95
9615
0.16
25
10417
10417
0
191
10417 0.00
95
10473 0.53
87
10417 0.00
23
19.2k
19.23k 0.16
103
19.23k 0.16
51
19.20k 0.00
47
19.23k 0.16
12
57.6k
57.14k -0.79
34
58.82k 2.12
16
57.60k 0.00
15
—
—
—
115.2k
117.6k 2.12
16
111.1k -3.55
8
115.2k 0.00
7
—
—
—
24.3.1
Auto-Baud Detect
The EUSART module supports automatic detection and calibration of the baud rate.
In the Auto-Baud Detect (ABD) mode, the clock to the BRG is reversed. Rather than the BRG clocking the incoming
RX signal, the RX signal is timing the BRG. The Baud Rate Generator is used to time the period of a received 55h
(ASCII “U”) which is the Sync character for the LIN bus. The unique feature of this character is that it has five rising
edges, including the Stop bit edge.
Setting the Auto-Baud Detect Enable (ABDEN) bit starts the auto-baud calibration sequence. While the ABD
sequence takes place, the EUSART state machine is held in Idle. On the first rising edge of the receive line, after the
Start bit, the SPxBRG register begins counting up using the BRG counter clock as shown in Figure 24-6. The fifth
rising edge will occur on the RXx pin at the end of the eighth bit period. At that time, an accumulated value totaling
the proper BRG period is left in the SPxBRGH:SPxBRGL register pair, the ABDEN bit is automatically cleared, and
the RCxIF interrupt flag is set. The value in the RCxREG register needs to be read to clear the RCxIF interrupt.
RCxREG content may be discarded. When calibrating for modes that do not use the SPxBRGH register, the user can
verify that the SPxBRGL register did not overflow by checking for 00h in the SPxBRGH register.
The BRG auto-baud clock is determined by the BRG16 and BRGH bits, as shown in Table 24-3. During ABD, both
the SPxBRGH and SPxBRGL registers are used as a 16-bit counter, independent of the BRG16 bit setting. While
calibrating the baud rate period, the SPxBRGH and SPxBRGL registers are clocked at 1/8th the BRG base clock rate.
The resulting byte measurement is the average bit time when clocked at full speed.
Notes: 
1.
If the Wake-Up Enable (WUE) bit is set with the ABDEN bit, auto-baud detection will occur on the byte
following the Break character (see 24.3.3. Auto-Wake-Up on Break).
2.
It is up to the user to determine that the incoming character baud rate is within the range of the selected BRG
clock source. Some combinations of oscillator frequency and EUSART baud rates are not possible.
3.
During the auto-baud process, the auto-baud counter starts counting at one. Upon completion of the auto-
baud sequence, to achieve maximum accuracy, subtract 1 from the SPxBRGH:SPxBRGL register pair.
Table 24-3. BRG Counter Clock Rates
BRG16
BRGH
BRG Base Clock
BRG ABD Clock
1
1
FOSC/4
FOSC/32
1
0
FOSC/16
FOSC/128
0
1
FOSC/16
FOSC/128
0
0
FOSC/64
FOSC/512
Note:  During the ABD sequence, the SPxBRGL and SPxBRGH registers are both used as a 16-bit counter,
independent of the BRG16 setting.
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com