Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 234 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 234 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 230Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 231Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 232Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 233Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 234Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 235Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 236Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 237Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 439 page
background image
as the wake-up event. The remaining bits in the character will be received as a fragmented character and subsequent
characters can result in framing or overrun errors.
Therefore, the initial character in the transmission must be all ‘0’s. This must be 10 or more bit times, 13-bit times
recommended for LIN bus, or any number of bit times for standard RS-232 devices.
WUE Bit
The wake-up event causes a receive interrupt by setting the RCxIF bit. The WUE bit is cleared in hardware by
a rising edge on RX/DT. The Interrupt condition is then cleared in software by reading the RCxREG register and
discarding its contents.
To ensure that no actual data is lost, check the RCIDL bit to verify that a receive operation is not in process before
setting the WUE bit. If a receive operation is not occurring, the WUE bit may then be set just prior to entering the
Sleep mode.
Figure 24-7. Auto-Wake-Up (WUE) Bit Timing During Normal Operation
Rev. 10-000 326A
2/13/201 7
FOSC
q1
q2
q3
q4
q1
q2
q3
q4
q1
q2
q3
q4
q1
q2
q3
q4
q1
q2
q3
q4
q1
q2
q3
q4
q2
q3
q4
q1
q2
q3
q4
q1
WUE bit
RXx/DTx
line
RCxIF
Bit set by user
Cleared due to user read of RCxREG
Auto cleared
Note:
The EUSART remains in Idle while the WUE bit is set.
Figure 24-8. Auto-Wake-Up (WUE) Bit Timings During Sleep
Rev. 10-000 327A
2/13/201 7
FOSC
q1
q2
q3
q4
q1
q2
q3
q4
q1
q2
q3
q4
q1
q2
q3
q4
q2
q3
q4
q1
q2
q3
q4
q1
WUE bit
RXx/DTx
line
RCxIF
Bit set by user
Cleared due to user read of RCxREG
Auto cleared
Note:
The EUSART remains in Idle while the WUE bit is set.
Sleep command execut ed
Sleep ends
24.3.4
Break Character Sequence
The EUSART module has the capability of sending the special Break character sequences that are required by the
LIN bus standard. A Break character consists of a Start bit, followed by 12 ‘0’ bits and a Stop bit.
To send a Break character, set the Send Break Character (SENDB) and Transmit Enable (TXEN) bits. The Break
character transmission is then initiated by a write to the TXxREG. The value of data written to TXxREG will be
ignored and all ‘0’s will be transmitted.
The SENDB bit is automatically reset by hardware after the corresponding Stop bit is sent. This allows the user to
preload the transmit FIFO with the next transmit byte following the Break character (typically, the Sync character in
the LIN specification).
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com