Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 235 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 235 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 231Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 232Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 233Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 234Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 235Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 236Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 237Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 238Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 439 page
background image
The Transmit Shift Register Status (TRMT) bit indicates when the transmit operation is Active or Idle, just as it does
during normal transmission. See Figure 24-9 for more details.
24.3.4.1 Break and Sync Transmit Sequence
The following sequence will start a message frame header made up of a Break, followed by an auto-baud Sync byte.
This sequence is typical of a LIN bus host.
1.
Configure the EUSART for the desired mode.
2.
Set the TXEN and SENDB bits to enable the Break sequence.
3.
Load the TXxREG with a dummy character to initiate transmission (the value is ignored).
4.
Write ‘55h’ to TXxREG to load the Sync character into the transmit FIFO buffer.
5.
After the Break has been sent, the SENDB bit is reset by hardware and the Sync character is then transmitted.
When the TXxREG becomes empty, as indicated by TXxIF, the next data byte can be written to TXxREG.
24.3.5
Receiving a Break Character
The EUSART module can receive a Break character in two ways.
The first method to detect a Break character uses the Framing Error (FERR) bit and the received data as indicated by
RCxREG. The Baud Rate Generator is assumed to have been initialized to the expected baud rate.
A Break character has been received when all three of the following conditions are true:
• RCxIF bit is set
• FERR bit is set
• RCxREG = 00h
The second method uses the Auto-Wake-Up feature described in 24.3.3. Auto-Wake-Up on Break. By enabling this
feature, the EUSART will sample the next two transitions on RX/DT, cause an RCxIF interrupt, and receive the next
data byte followed by another interrupt.
Note that following a Break character, the user will typically want to enable the Auto-Baud Detect feature. For both
methods, the user can set the ABDEN bit before placing the EUSART in Sleep mode.
Figure 24-9. Send Break Character Sequence
Rev. 10-000 118A
2/13/201 7
Write to TXxREG
BRG Output
(Shift Clock)
TXx/CKx pin
TXxIF bit
(Transmit Buffer
Reg Empty Flag)
TRMT bit
(Transmit Shift
Reg Empty Flag)
Start bit
bit 0
bit 1
bit 11
Stop bit
Break
Dummy
Write
SENDB
(send break
control bit)
SENDB sampled here
Auto cleared
24.4
EUSART Synchronous Mode
Synchronous serial communications are typically used in systems with a single host and one or more clients. The
host device contains the necessary circuitry for baud rate generation and supplies the clock for all devices in the
system. Client devices can take advantage of the host clock by eliminating the internal clock generation circuitry.
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com