Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 229Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 230Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 231Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 232Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 233Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 234Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 235Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 236Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 439 page
background image
Figure 24-6. Automatic Baud Rate Calibration
Revh 4sLsss 45sA
5N46N5s4 7
BRG
value
RXxNDTx pin
RCxIF bit
kInterrupt FlagS
Read
RCxREG
Edge d4
BRG
clock
SPxBRGH:L
Auto cleared
XXXXh
ssssh
ss4Ch
ABDEN
start bit s bit 4 bit 5 bit 6 bit y bit 5 bit 6 bit 7
Edge d5
Edge d6
Edge dy
Edge d5
Set by user
ss4Ch
XXXXh
24.3.2
Auto-Baud Overflow
During the course of automatic baud detection, the Auto-Baud Detect Overflow (ABDOVF) bit will be set if the baud
rate counter overflows before the fifth rising edge is detected on the RXx pin. The ABDOVF bit indicates that the
counter has exceeded the maximum count that can fit in the 16 bits of the SPxBRGH:SPxBRGL register pair. After
the ABDOVF bit has been set, the counter continues to count until the fifth rising edge is detected on the RXx pin.
Upon detecting the fifth RX edge, the hardware will set the RCxIF interrupt flag and clear the ABDEN bit. The RCxIF
flag can be subsequently cleared by reading the RCxREG register. The ABDOVF bit can be cleared by software
directly.
To terminate the auto-baud process before the RCxIF flag is set, clear the ABDEN bit then clear the ABDOVF bit. The
ABDOVF bit will remain set if the ABDEN bit is not cleared first.
24.3.3
Auto-Wake-Up on Break
During Sleep mode, all clocks to the EUSART are suspended. Because of this, the Baud Rate Generator is inactive
and a proper character reception cannot be performed. The Auto-Wake-Up feature allows the controller to wake up
due to activity on the RX/DT line. This feature is available only in Asynchronous mode.
The Auto-Wake-Up feature is enabled by setting the WUE bit. Once set, the normal receive sequence on RX/DT is
disabled, and the EUSART remains in an Idle state, monitoring for a wake-up event independent of the CPU mode. A
wake-up event consists of a high-to-low transition on the RX/DT line. This coincides with the start of a Sync Break or
a wake-up signal character for the LIN protocol.
The EUSART module generates an RCxIF interrupt coincident with the wake-up event. The interrupt is generated
synchronously to the Q clocks in normal CPU operating modes as shown in Figure 24-7, and asynchronously if the
device is in Sleep mode, as shown in Figure 24-8. The Interrupt condition is cleared by reading the RCxREG register.
The WUE bit is automatically cleared by the low-to-high transition on the RX line at the end of the Break. This signals
to the user that the Break event is over. At this point, the EUSART module is in Idle mode waiting to receive the next
character.
24.3.3.1 Special Considerations
Break Character
To avoid character errors or character fragments during a wake-up event, the wake-up character must be all zeros.
When the wake-up is enabled, the function works independent of the low time on the data stream. If the WUE bit is
set and a valid nonzero character is received, the low time from the Start bit to the first rising edge will be interpreted
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com