Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 236 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 236 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 232Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 233Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 234Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 235Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 236Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 237Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 238Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 239Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 439 page
background image
There are two signal lines in Synchronous mode: A bidirectional data line (DT) and a clock line (CK). The clients use
the external clock supplied by the host to shift the serial data into and out of their respective receive and transmit shift
registers. Since the data line is bidirectional, synchronous operation is half-duplex only. Half-duplex refers to the fact
that host and client devices can receive and transmit data but not both simultaneously. The EUSART can operate as
either a host or client device.
Start and Stop bits are not used in synchronous transmissions.
24.4.1
Synchronous Host Mode
The following bits are used to configure the EUSART for synchronous host operation:
• The SYNC bit is set to ‘1’ to configure the EUSART for synchronous operation
• The Clock Source Select (CSRC) bit is set to ‘1’ to configure the EUSART as the host
• The Single Receive Enable (SREN) bit is set to ‘0’ for transmit; SREN = 1 for receive (recommended setting to
receive 1 byte)
• The Continuous Receive Enable (CREN) bit is set to ‘0’ for transmit; CREN = 1 to receive continuously
• The SPEN bit is set to ‘1’ to enable the EUSART interface
Important:  Clearing the SREN and CREN bits ensure that the device is in the Transmit mode, otherwise
the device will be configured to receive.
24.4.1.1 Host Clock
Synchronous data transfers use a separate clock line, which is synchronous with the data. A device configured as
a host transmits the clock on the TX/CK line. The TXx/CKx pin output driver is automatically enabled when the
EUSART is configured for synchronous transmit or receive operation. Serial data bits change on the leading edge to
ensure they are valid at the trailing edge of each clock. One clock cycle is generated for each data bit. Only as many
clock cycles are generated as there are data bits.
24.4.1.2 Clock Polarity
A clock polarity option is provided for Microwire compatibility. Clock polarity is selected with the Clock/Transmit
Polarity Select (SCKP) bit. Setting the SCKP bit sets the clock Idle state as high. When the SCKP bit is set, the data
changes on the falling edge of each clock. Clearing the SCKP bit sets the Idle state as low. When the SCKP bit is
cleared, the data changes on the rising edge of each clock.
24.4.1.3 Synchronous Host Transmission
Data is transferred out of the device on the RXx/DTx pin. The RXx/DTx and TXx/CKx pin output drivers are
automatically enabled when the EUSART is configured for synchronous host transmit operation.
A transmission is initiated by writing a character to the TXxREG register. If the TSR still contains all or part of a
previous character the new character data is held in the TXxREG until the last bit of the previous character has been
transmitted. If this is the first character, or the previous character has been completely flushed from the TSR, the data
in the TXxREG is immediately transferred to the TSR. The transmission of the character commences immediately
following the transfer of the data to the TSR from the TXxREG.
Each data bit changes on the leading edge of the host clock and remains valid until the subsequent leading clock
edge.
Note:  The TSR register is not mapped in data memory, so it is not available to the user.
24.4.1.4 Synchronous Host Transmission Setup
1.
Initialize the SPxBRGH;SPxBRGL register pair and the BRG16 bit to achieve the desired baud rate (see
24.3. EUSART Baud Rate Generator (BRG)).
2.
Select the transmit output pin by writing the appropriate values to the RxyPPS register and RXxPPS register.
Both selections may enable the same pin.
3.
Select the clock output pin by writing the appropriate values to the RxyPPS register and TXxPPS register. Both
selections may enable the same pin.
PIC16F15213/14/23/24/43/44
EUSART - Enhanced Universal Synchronous Asyn...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com