Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 296 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 296 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 292Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 293Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 294Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 295Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 296Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 297Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 298Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 299Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 439 page
background image
Figure 25-32. I2C Host Mode Waveform (Reception, 10-Bit Address)
Filename:
Master Mode Waveform (10-bit reception).vsdx
Title:
Last Edit:
2/10/2020
First Used:
Notes:
1
1
2 3
2 3
4
4
5
5
6
6
7
7
8
8
9
9
1 2 3 4 5 6 7 8 9
1 1 1 1 0 A9 A8 0
A7 A6 A5
D5
D6
D7
A4
D4
A3
D3
A2
D2
A1
D1
A0
D0
SDA
SCL
BF
SSPxIF
RCEN
High address
R/W
ACK (from
client)
NACK
(from
Host)
Stop
Software
reads
SSPxBUF
ACK (from
client)
ACKSTAT
1 1 1 1 0 A9 A8 1
1 2 3 4 5 6 7 8 9
Low address
Restart
R/W
High address
Client s ACK copied
to ACKSTAT
Cleared by software
Byte loaded into
SSPxBUF
Software sets RCEN =
Host as receiver
Cleared by
hardware
Cleared by
hardware
Hardware set
Host receives byte
25.2.5
Multi-Host Mode
In Multi-Host mode, the interrupt generation on the detection of the Start and Stop conditions allows the
determination of when the bus is free. The Stop (P) and Start (S) bits are cleared from a Reset or when the MSSP
module is disabled. Control of the I2C bus may be taken when the P bit is set, or the bus is Idle, with both the S and
P bits cleared. When the bus is busy, enabling the MSSP interrupt will generate an interrupt when the Stop condition
occurs.
In Multi-Host operation, the SDA line must be monitored for arbitration to see if the signal level is the expected output
level. This check is performed by hardware with the result placed in the BCLxIF bit.
The states where arbitration can be lost are:
• Address Transfer
• Data Transfer
• A Start Condition
• A Repeated Start Condition
• An Acknowledge Condition
25.2.5.1 Multi-Host Communication, Bus Collision and Bus Arbitration
Multi-Host mode support is achieved by bus arbitration. When the host outputs address/data bits onto the SDA pin,
arbitration takes place when the host outputs a ‘1’ on SDA, by letting SDA float high and another host asserts a ‘0’.
When the SCL pin floats high, data may be stable. If the expected data on SDA is a ‘1’ and the data sampled on the
SDA pin is ‘0’, then a bus collision has taken place. The host will set the Bus Collision Interrupt Flag (BCLxIF) and
reset the I2C port to its Idle state (see Figure 25-33).
If a transmit was in progress when the bus collision occurred, the transmission is halted, the BF flag is cleared,
the SDA and SCL lines are deasserted, and the SSPxBUF can be written to. When software services the bus
collision Interrupt Service Routine, and if the I2C bus is free, software can resume communication by asserting a Start
condition.
If a Start, Repeated Start, Stop or Acknowledge condition was in progress when the bus collision occurred, the
condition is aborted, the SDA and SCL lines are deasserted, and the respective control bits in the SSPxCON2
register are cleared. When software services the bus collision Interrupt Service Routine, and if the I2C bus is free,
software can resume communication by asserting a Start condition.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com