Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 298 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 298 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 294Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 295Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 296Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 297Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 298Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 299Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 300Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 301Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 302Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 439 page
background image
Figure 25-34. Bus Collision During Start Condition (SDA Only)
SDA
SCL
SEN
SDA sampled low before
SDA goes low before the SEN bit is set.
S bit and SSPxIF set because
SSPx module reset into Idle state.
SEN cleared automatically because of bus collision.
S bit and SSPxIF set because
Set SEN, enable Start
condition if SDA = 1, SCL = 1
SDA = 0, SCL = 1.
BCLxIF
S
SSPxIF
SDA = 0, SCL = 1.
SSPxIF and BCLxIF are
cleared by software
SSPxIF and BCLxIF are
cleared by software
Set BCLxIF,
Start condition. Set BCLxIF.
Rev. 30-000043A
4/3/2017
The Start condition begins with the SDA and SCL pins deasserted. When the SDA pin is sampled high, the Baud
Rate Generator is loaded and counts down. If the SCL pin is sampled low while SDA is high, a bus collision occurs
because it is assumed that another host is attempting to drive a data ‘1’ during the Start condition.
Figure 25-35. Bus Collision During Start Condition (SCL = 0)
SDA
SCL
SEN
bus collision occurs. Set BCLxIF.
SCL = 0 before SDA = 0,
Set SEN, enable Start
sequence if SDA = 1, SCL = 1
TBRG
TBRG
SDA = 0, SCL = 1
BCLxIF
S
SSPxIF
Interrupt cleared
by software
bus collision occurs. Set BCLxIF.
SCL = 0 before BRG time-out,
’0’
’0’
’0’
’0’
Rev. 30-000044A
4/3/2017
If the SDA pin is sampled low during this count, the BRG is reset and the SDA line is asserted early (see Figure
25-36). If, however, a ‘1’ is sampled on the SDA pin, the SDA pin is asserted low at the end of the BRG count. The
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com