Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 302 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 302 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 298Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 299Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 300Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 301Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 302Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 303Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 304Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 439 page
background image
Figure 25-41. Baud Rate Generator Block Diagram
SSPM[3:0]
BRG Down Counter
SSPCLK
FOSC/2
SSPxADD[7:0]
SSPM[3:0]
SCL
Reload
Control
Reload
Rev. 30-000050A
4/3/2017
Important:  Values of 0x00, 0x01 and 0x02 are not valid for SSPxADD when used as a Baud Rate
Generator for I2C. This is an implementation limitation.
Table 25-2. MSSP Clock Rate w/BRG
FOSC
FCY
BRG Value
FCLOCK
(2 Rollovers of BRG)
32 MHz
8 MHz
13h
400 kHz
32 MHz
8 MHz
19h
308 kHz
32 MHz
8 MHz
4Fh
100 kHz
16 MHz
4 MHz
09h
400 kHz
16 MHz
4 MHz
0Ch
308 kHz
16 MHz
4 MHz
27h
100 kHz
4 MHz
1 MHz
09h
100 kHz
Note:  Refer to the I/O port electrical specifications in the “Electrical Specifications” chapter, Internal Oscillator
Parameters, to ensure the system is designed to support all requirements.
25.4
Register Definitions: MSSP Control
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com