Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 304 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 304 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 300Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 301Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 302Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 303Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 304Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 307Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 439 page
background image
25.4.2
SSPxADD
Name: 
SSPxADD
Offset: 
0x018D
MSSP Baud Rate Divider and Address Register
Bit
7
6
5
4
3
2
1
0
ADD[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – ADD[7:0]
• SPI and I2C Host: Baud rate divider
• I2C Client: Address bits
Value
Mode
Description
11111111
-
00000011
SPI and I2C Host
Baud rate divider. SCK/SCL pin clock period = ((n + 1) * 4)/FOSC. Values
less than 3 are not valid.
xxxxx11x
-
xxxxx00x
I2C 10-bit Client MS
Address
Bits [7:3] and Bit 0 are not used and are don’t care. Bits [2:1] are bits [9:8]
of the 10-bit Client Most Significant Address.
11111111
-
00000000
I2C 10-bit Client LS
Address
Bits [7:0] of 10-bit Client Least Significant Address
1111111x
-
0000000x
I2C 7-bit Client
Bit 0 is not used and is don’t care. Bits [7:1] are the 7-bit Client Address.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com