Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 308 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 308 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 304Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 307Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 309Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 310Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 311Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 439 page
background image
25.4.5
SSPxCON1
Name: 
SSPxCON1
Offset: 
0x0190
MSSP Control Register 1
Bit
7
6
5
4
3
2
1
0
WCOL
SSPOV
SSPEN
CKP
SSPM[3:0]
Access
R/W/HS
R/W/HS
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – WCOL
Write Collision Detect bit
Value
Mode
Description
x
Host or Client receive
This bit is not used
1
SPI or I2C Host or Client transmit The SSPxBUF register is written while it is still transmitting the
previous word (must be cleared in software)
0
SPI or I2C Host or Client transmit No collision
Bit 6 – SSPOV
Receive Overflow Indicator bit(1)
Value
Mode
Description
x
SPI Host or I2C Host
transmit
This bit is not used
1
SPI Client
A byte is received while the SSPxBUF register is still holding the previous
byte. Data contained in the shift register will be discarded. The user must read
SSPxBUF, even if only transmitting data, to avoid setting overflow (must be
cleared in software).
1
I2C Receive
A byte is received while the SSPxBUF register is still holding the previous
byte (must be cleared in software)
0
SPI Client or I2C
Receive
No overflow
Bit 5 – SSPEN
Host Synchronous Serial Port Enable bit.(2)
Value
Description
1
Enables the serial port
0
Disables serial port and configures these pins as I/O PORT pins
Bit 4 – CKP
SCK Release Control bit
Value
Mode
Description
x
I2C Host
This bit is not used
1
SPI
Idle state for the clock is a high level
0
SPI
Idle state for the clock is a low level
1
I2C Client
Releases clock
0
I2C Client
Holds clock low (clock stretch), used to ensure data setup time
Bits 3:0 – SSPM[3:0]
Host Synchronous Serial Port Mode Select bits(4)
Value
Description
1111
I2C Client mode: 10-bit address with Start and Stop bit interrupts enabled
1110
I2C Client mode: 7-bit address with Start and Stop bit interrupts enabled
1101
Reserved - do not use
1100
Reserved - do not use
1011
I2C Firmware Controlled Host mode (client Idle)
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com